Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FO-FC-FS-PBS-R

  • AI
    The part number **FO-FC-FS-PBS-R** refers to a specific type of **Fiber Optic (FO)** component, typically a high-performance **Fiber-to-Fiber Coupling** or **Polarizing Beam Splitter (PBS)** module. Below is a detailed breakdown of the electronic and physical characteristics based on standard fiber optic naming conventions: ### Component Breakdown | Code | Component Segment | Description | | :--- | :--- | :--- | | **FO** | Fiber Optic | Indicates the primary technology category. | | **FC** | FC Connector | Refers to the "Fixed Connection" or "Ferrule Connector" style, common in high-precision telecommunications. | | **FS** | Fused Silica / Fixed Spacing | Often refers to the substrate material or internal optical alignment type. | | **PBS** | Polarizing Beam Splitter | The core function: splits an unpolarized light beam into two beams of differing linear polarization. | | **R** | RoHS / Ruggedized | Indicates compliance with environmental standards or a specific "Right" orientation/Rugged housing. | --- ### Technical Specifications #### 1. Polarization Functionality The **PBS** element is the critical electronic/optical engine. It utilizes the Brewster angle or dielectric coatings to separate the **S-polarization** and **P-polarization** components of light. * **Extinction Ratio:** Typically >20dB to 30dB. * **Insertion Loss:** Low loss (usually <0.5dB) to ensure signal integrity across long-range fiber networks. #### 2. Physical Housing and Connection * **Connector Type (FC):** Uses a threaded, screw-on mechanism which is ideal for high-vibration environments where optical stability is mandatory. * **Fiber Type:** Usually compatible with **PM (Polarization Maintaining)** fiber to ensure the separated light remains in its designated state. #### 3. Applications These parts are commonly found in: * **Coherent Optical Communications:** Managing signal states in high-speed data transmission. * **Fiber Optic Sensors:** Used in gyroscopes and interferometers. * **Optical Amplifiers:** Managing pump laser inputs. --- ### Comparison with Standard Splitters | Feature | Standard Coupler | PBS (FO-FC-FS-PBS-R) | | :--- | :--- | :--- | | **Splitting Logic** | Power-based (e.g., 50/50) | Polarization-based (S vs P) | | **Material** | Standard glass | High-grade Fused Silica/Crystals | | **Connector** | Variable (LC, SC, ST) | High-precision FC (Threaded) | | **Main Use** | Signal distribution | Signal conditioning / Sensing |
    ✨ Follow-up Questions
    • ⤷What is the typical wavelength range for this PBS module?
    • ⤷ How does the FC connector compare to an LC connector in industrial settings?
    • ⤷ What is the specific 'Extinction Ratio' requirement for medical fiber optic applications?