Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FO-SC-ADMN1-R

  • AI
    The **FO-SC-ADMN1-R** is a specific networking component, typically identified as a **Fiber Optic Single-mode SC/APC Simplex Adapter**. These components are fundamental in telecommunications and data center infrastructure for connecting fiber optic patch cables. --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Connector Type** | SC (Subscriber Connector) | | **Fiber Mode** | Single-mode (OS1/OS2) | | **Polish Type** | APC (Angled Physical Contact) | | **Body Style** | Simplex (Single fiber connection) | | **Alignment Sleeve** | Zirconia Ceramic | | **Mounting** | Flanged with integrated metal clips | | **Color** | Green (Standard for APC) | --- ### Key Electronic & Physical Components While passive, the "electronic" integrity of a fiber system depends on the precision of these parts: #### 1. Zirconia Ceramic Sleeve The most critical internal part. It is a high-precision hollow cylinder that holds the ceramic ferrules of the two connecting fiber cables in perfect alignment. Without this, light loss (attenuation) would be too high for data transmission. #### 2. Plastic Housing (PEI/PBT) The outer shell is usually made of high-quality thermoplastic. For the **APC** variant, this housing is coded **Green**. It provides the mechanical latching mechanism to keep the connector securely seated. #### 3. Mounting Clips Stainless steel clips are integrated into the sides. These allow the adapter to "snap" into patch panels or wall plates without requiring screws, though screw holes are usually present for extra security. #### 4. Dust Caps Standard on the -R (Retail/Bulk) versions, these prevent microscopic dust particles from contaminating the internal sleeve, which is the leading cause of signal failure in fiber networks. --- ### Usage Context The **FO-SC-ADMN1-R** is typically found in: * **FTTH (Fiber to the Home):** Used in the ONT (Optical Network Terminal) or wall outlets. * **PON (Passive Optical Networks):** APC connectors are preferred here because the 8-degree angle minimizes back-reflection (Return Loss). * **Patch Panels:** Installed in 1U or 2U racks to bridge internal backbone cabling to external patch leads.
    ✨ Follow-up Questions
    • ⤷ What is the difference between SC/APC and SC/UPC adapters?
    • ⤷ How much signal loss (dB) is typical for this type of adapter?
    • ⤷ Can this adapter be used with multi-mode fiber cables?