Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FP0705R2-R12-R

  • AI
    ## Analysis of the FP0705R2-R12-R Inductor The **FP0705R2-R12-R** is a high-frequency, high-current power inductor part of the **FP0705 series** manufactured by **Eaton (formerly Cooper Bussmann)**. It is specifically designed for multi-phase Voltage Regulator Modules (VRMs) and point-of-load converters. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its electronic characteristics: | Parameter | Value / Specification | | :--- | :--- | | **Inductance ($L$)** | 0.12 µH (120 nH) | | **Tolerance** | ±10% | | **Rated Current ($I_{rms}$)** | ~43 Amps (Temperature rise based) | | **Saturation Current ($I_{sat}$)** | ~60 Amps (Inductance drop based) | | **DCR (Direct Current Resistance)** | 0.25 mΩ (Milliohms) typical | | **Core Material** | Ferrite | | **Operating Temperature** | -40°C to +125°C | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Physical Construction The "FP" in the name stands for **Flat-Pac**. This series uses a unique construction: * **Form Factor:** The **0705** indicates the footprint size (approx. 7.0mm x 5.0mm). * **Winding:** It features a single-turn "staple" design or a copper plate winding, which results in extremely low DCR. * **Shielding:** It is a magnetically shielded structure, minimizing Electromagnetic Interference (EMI) with surrounding components. --- ### 3. Key Electronic Features * **Low DCR:** At 0.25 mΩ, this inductor minimizes power loss due to heat, making it highly efficient for high-current applications. * **High Saturation:** The ferrite core is designed to handle large current spikes without a sharp drop in inductance. * **High Frequency:** Optimized for switching frequencies ranging from 100 kHz to over 2 MHz. --- ### 4. Applications This component is typically found in high-performance computing environments: 1. **Multi-phase VRMs:** Powering CPUs, GPUs, and ASICs in servers and workstations. 2. **Voltage Regulator Modules:** Used in data centers and networking equipment. 3. **High Current Point-of-Load (POL):** Where space is limited but current demand is high. ---
    ✨ Follow-up Questions
    • ⤷ How does the R12 inductance value compare to other values in the FP0705 series regarding saturation current?
    • ⤷ What are the specific soldering footprint dimensions for the FP0705R2?
    • ⤷ Can this inductor be used in automotive applications requiring AEC-Q200 qualification?