Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FP1008-150-R

  • AI
    ## Electronic Analysis: FP1008-150-R The **FP1008-150-R** is a high-frequency, high-current power inductor typically used in multi-phase Voltage Regulator Modules (VRMs) and DC-DC converters. It is part of the FP1008 series manufactured by Eaton (formerly Cooper Bussmann). --- ### 1. Key Technical Specifications The part number "150" refers to the inductance value, and "R" indicates RoHS compliance. | Parameter | Value | | :--- | :--- | | **Inductance (L)** | 150 nH (0.150 µH) | | **Tolerance** | ±10% | | **Rated Current ($I_{rms}$)** | ~50 A | | **Saturation Current ($I_{sat}$)** | ~56 A | | **DC Resistance (DCR)** | 0.17 mΩ (Max) | | **Operating Temperature** | -40°C to +125°C | | **Dimensions** | 10.2 x 8.0 x 8.0 mm | --- ### 2. Physical & Material Construction * **Core Material:** Ferrite. This allows for high-frequency operation (up to 2 MHz+) with very low core losses compared to iron powder cores. * **Design:** It features a "Flat-Pac" surface mount design. The high-profile vertical structure allows for a small footprint on the PCB while maintaining a large cross-sectional area for high current. * **Terminations:** The part utilizes a solder-lead frame construction, ensuring a low-resistance path between the coil and the PCB pads. --- ### 3. Functional Role in Circuits The FP1008-150-R is primarily used as an **Output Filter Inductor**. Its roles include: 1. **Energy Storage:** During the "ON" cycle of a buck converter, it stores energy in its magnetic field. 2. **Current Smoothing:** It resists sudden changes in current, converting the square-wave switching voltage into a relatively smooth DC output. 3. **Efficiency:** Because the DCR (Direct Current Resistance) is extremely low (0.17 mΩ), it minimizes $I^2R$ power losses, which is critical in servers and high-performance computing power supplies. --- ### 4. Typical Applications * **Vcore Regulators:** Powering CPUs and GPUs in desktops and servers. * **Multi-phase Buck Converters:** Used in parallel to provide hundreds of Amps to modern processors. * **Point-of-Load (POL) Modules:** High-density power modules for telecommunications. ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 0.17 mΩ DCR in high-current applications?
    • ⤷ How does the saturation current (Isat) affect the performance of this inductor?
    • ⤷ Can this inductor be used in high-frequency switching power supplies above 1 MHz?