Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FP1110V1-R20-R

  • AI
    The **FP1110V1-R20-R** is a high-current, high-frequency, shielded power inductor specifically designed for high-density power applications. It belongs to the **FP1110 series**, often manufactured by companies like Eaton (formerly Cooper Bussmann) or similar power component specialists. ### 1. Key Technical Specifications The part number follows a specific nomenclature. Here is the breakdown of its primary electrical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 200 nH (0.20 µH) | The "R20" indicates a nominal inductance of 0.20 microhenries. | | **Rated Current ($I_{rms}$)** | ~50A - 70A | The current at which the temperature rise is typically 40°C. | | **Saturation Current ($I_{sat}$)** | ~50A - 65A | The current at which the inductance drops by a specific percentage (usually 20%). | | **DCR (DC Resistance)** | ~0.19 mΩ | Extremely low resistance to minimize power loss. | | **Tolerance** | ±10% | Variance allowed in the nominal inductance. | | **Operating Temp** | -40°C to +125°C | Standard industrial/automotive range. | --- ### 2. Design and Construction This component is built using **Power Bead** technology, which focuses on high energy density and efficiency. * **Core Material:** Usually a Ferrite core, which offers low core losses at high frequencies (up to 2MHz or more). * **Shielding:** It is a magnetically shielded construction, which reduces Electromagnetic Interference (EMI) and prevents the magnetic field from affecting neighboring components. * **Form Factor:** The "1110" refers to the footprint dimensions, typically around **11.0mm x 8.0mm** (width x length), with a height of roughly 10mm. * **Terminations:** Surface Mount Device (SMD) with a robust lead frame to handle extremely high current loads. --- ### 3. Application Use Cases The FP1110V1-R20-R is primarily used in **Multi-phase Buck Converters** (Voltage Regulator Modules - VRMs). 1. **Servers and Data Centers:** Powering high-end CPUs, GPUs, and ASICs where massive current is required at low voltages. 2. **Graphics Cards:** High-performance PC components that demand stable, high-speed power delivery. 3. **Networking Hardware:** High-speed routers and switches requiring efficient point-of-load (POL) conversion. 4. **Voltage Regulators:** Used in DC-DC converters where space is tight but power requirements are high. --- ### 4. Comparison to Standard Inductors Unlike standard wire-wound inductors, the Power Bead design of the FP1110 series provides: * **Higher Current Density:** Handles more Amperes per square millimeter. * **Lower DCR:** Reduces heat generation during high-load operations. * **Better Thermal Stability:** Designed to maintain inductance levels even as temperature rises during operation.
    ✨ Follow-up Questions
    • ⤷ What are the specific soldering profile requirements for the FP1110 series?
    • ⤷ How does the 'V1' suffix in the part number affect the mechanical dimensions?
    • ⤷ Can you provide a comparison between the R20 and R15 versions of this inductor?