Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FP3002

  • AI
    The **FP3002** is a specialized electronic component primarily categorized as an **Integrated Circuit (IC)**, specifically used in power management and motor control applications. It is most commonly found in high-performance digital cameras (like Fujifilm series) and precision instrumentation. Below is a detailed breakdown of its electronic characteristics and functional architecture. --- ### 1. General Specifications The FP3002 is designed to handle high-efficiency power conversion and signal processing. | Feature | Specification | | :--- | :--- | | **Component Type** | Integrated Circuit (IC) | | **Primary Function** | Power Supply Controller / DC-DC Converter | | **Package Type** | SOP-8 or TSSOP (Application dependent) | | **Operating Voltage** | Typically 2.5V to 5.5V | | **Output Channels** | Multi-channel capability | --- ### 2. Core Electronic Architecture The internal circuitry of the FP3002 consists of several critical stages: #### A. Pulse Width Modulation (PWM) Controller At its core, the FP3002 utilizes PWM to regulate output voltage. It compares a feedback signal from the output against an internal reference voltage to adjust the duty cycle of the switching transistors. #### B. MOSFET Driving Circuit The IC contains internal gate drivers designed to trigger external or internal Power MOSFETs. This allows the chip to switch high currents with minimal heat dissipation. #### C. Protection Circuits To ensure longevity and safety, the FP3002 includes: * **Over-Voltage Protection (OVP):** Shuts down the IC if the input voltage exceeds safe limits. * **Thermal Shutdown:** Monitors the die temperature and ceases operation if it becomes too hot. * **Short-Circuit Protection:** Prevents damage if the output load fails. --- ### 3. Typical Application Diagram In a standard circuit, the FP3002 acts as the "brain" for a buck (step-down) or boost (step-up) converter. ```mermaid graph LR Vin[Input Voltage] --> FP3002 FP3002 --> Inductor[Inductor/Coil] Inductor --> Vout[Regulated Output] Vout -.-> Feedback[Feedback Loop] Feedback -.-> FP3002 ``` --- ### 4. Common Use Cases The FP3002 is favored in electronics that require a compact footprint and high efficiency: 1. **Digital Imaging:** Used in the lens drive circuitry to control zoom and focus motors precisely. 2. **Portable Electronics:** Acts as a battery management IC to provide steady 3.3V or 5V rails from a Li-ion battery. 3. **Industrial Sensors:** Provides low-noise power to sensitive analog-to-digital converters (ADCs). --- ### 5. Pin Configuration (Typical) *Note: Refer to the specific manufacturer datasheet (e.g., Feeling Technology or Fairchild) for exact pinouts.* * **VCC:** Main power supply input. * **FB (Feedback):** Monitors output voltage. * **OUT/LX:** Switching node connected to the inductor. * **GND:** Common ground. * **EN (Enable):** Logic pin to turn the chip on or off.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement ICs for the FP3002 in camera repairs?
    • ⤷ Can you provide the specific pinout diagram for the SOP-8 version of the FP3002?
    • ⤷ What is the maximum current rating for the FP3002 internal switches?