Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FPA-55-R

  • AI
    The **FPA-55-R** is a specialized high-performance RF (Radio Frequency) amplifier, typically utilized in laboratory settings, medical imaging (such as MRI), and industrial RF applications. Below is a detailed breakdown of its electronic components and architecture. --- ### 1. Key Technical Specifications | Parameter | Description | | :--- | :--- | | **Frequency Range** | Typically 10 MHz to 1000 MHz (Varies by sub-model) | | **Gain** | Usually around 50 dB to 55 dB | | **Output Power** | High-linearity power output (often rated for P1dB compression) | | **Impedance** | 50 Ohms (Standard RF matching) | | **Cooling** | Forced air or heat sink integrated for thermal dissipation | --- ### 2. Core Electronic Components The internal architecture of the FPA-55-R is divided into several functional stages: #### A. Input Stage (Pre-Amplifier) * **Low Noise Amplifiers (LNAs):** The first stage uses GaAs (Gallium Arsenide) or GaN (Gallium Nitride) transistors to boost weak input signals while maintaining a low noise figure. * **Variable Attenuators:** Electronic circuits that allow for gain control to prevent the saturating of subsequent stages. #### B. Power Amplification Stage * **Power Transistors:** These are the "heart" of the device. High-frequency MOSFETs or LDMOS (Laterally Diffused Metal Oxide Semiconductor) transistors are used to achieve the required output wattage. * **Impedance Matching Networks:** A series of capacitors and inductors (LC circuits) designed to match the high-power transistors to the 50-ohm output, ensuring maximum power transfer and minimal signal reflection. #### C. Control & Protection Circuitry * **Directional Couplers:** These components sample the forward and reflected power. If the VSWR (Voltage Standing Wave Ratio) is too high (meaning the antenna is disconnected or broken), the protection circuit shuts down the power stage to prevent burnout. * **Thermal Sensors:** Thermistors placed near the power transistors monitor heat levels, triggering cooling fans or thermal shutdown. #### D. Power Supply Unit (PSU) * **DC-DC Converters:** High-efficiency switching regulators that convert incoming power to the specific voltages required by the RF transistors (often 28V or 48V DC). --- ### 3. Connection and Interface Details | Component | Type | Function | | :--- | :--- | :--- | | **RF Input** | SMA or N-Type | Signal source entry | | **RF Output** | N-Type or 7/16 DIN | Amplified signal delivery | | **Control Port** | D-Sub or RJ45 | Remote monitoring and gain control | | **Grounding Bolt** | Copper Lug | ESD protection and noise reduction | --- ### 4. Typical Applications * **MRI Equipment:** Used to drive RF coils for imaging. * **Broadband Testing:** For Electromagnetic Compatibility (EMC) testing. * **Signal Jamming/Electronic Warfare:** Generating high-power interference across wide bands.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption requirements for the FPA-55-R?
    • ⤷ How does the FPA-55-R handle VSWR protection?
    • ⤷ What is the typical gain flatness across its frequency range?