Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FPK-R-1A

  • AI
    The **FPK-R-1A** is a specific type of high-performance, fast-acting fuse commonly used in industrial automation, power distribution, and control circuits. It is part of the "Class CC" fuse family, known for its rejection feature and high interrupt rating. --- ### 1. Technical Specifications The following table highlights the core electrical characteristics of the FPK-R-1A: | Feature | Specification | | :--- | :--- | | **Current Rating** | 1 Ampere | | **Voltage Rating (AC)** | 600 VAC | | **Interrupting Rating** | 200,000 Amps RMS Symmetrical | | **Fuse Class** | Class CC | | **Speed/Characteristic** | Fast-Acting | | **Body Material** | Melamine (Glass Reinforced) | | **Termination Style** | Cartridge (Ferrule with Rejection Tip) | --- ### 2. Key Electronic Components & Design The FPK-R-1A is engineered with specific physical and material properties to ensure circuit safety: * **Fast-Acting Element:** Unlike time-delay fuses, the internal fusible link is designed to melt almost instantaneously when the current exceeds 1A. This protects sensitive electronic components from short-circuit damage. * **Rejection Tip:** The physical design includes a specific groove on one end. This ensures that the fuse can only be inserted into a Class CC fuse holder, preventing the accidental installation of a lower-rated fuse (like a Midget fuse) into a high-voltage circuit. * **Arc Quenching Material:** The interior is typically filled with high-purity silica sand. When the fuse blows, the sand absorbs the energy of the electrical arc and turns into a non-conductive glass (fulgurite), preventing the arc from continuing or damaging the enclosure. --- ### 3. Common Applications Due to its high voltage rating and fast response, the FPK-R-1A is used in: 1. **Control Transformers:** Protecting the primary side of small industrial transformers. 2. **Solenoids and Relays:** Preventing coil burnout during overcurrent events. 3. **PLC Inputs/Outputs:** Shielding delicate programmable logic controller circuits. 4. **Lighting Ballasts:** Providing branch circuit protection. --- ### 4. Comparison with Similar Parts | Part Number | Type | Key Difference | | :--- | :--- | :--- | | **FPK-R-1A** | Class CC | Fast-acting, 600V, Rejection tip. | | **FNQ-R-1** | Class CC | Time-delay (can handle motor inrush current). | | **KTK-R-1** | Class CC | Fast-acting (direct equivalent to FPK-R series). |
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Fast-Acting and a Time-Delay fuse in industrial settings?
    • ⤷ Can an FPK-R-1A be used in a standard 250V circuit?
    • ⤷ What are the specific fuse holders compatible with Class CC rejection fuses?