Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FPK-R-5A

  • AI
    ## Overview of the FPK-R-5A The **FPK-R-5A** is a specialized electronic component, typically categorized as a **High-Voltage, High-Interrupting Capacity Fuse**. It is primarily used in power distribution, industrial control systems, and protection circuits for high-voltage equipment. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Model Number** | FPK-R-5A | | **Current Rating** | 5 Amperes | | **Type** | Fast-Acting / Current-Limiting | | **Voltage Rating** | Generally 600V AC (Standard for R-Class) | | **Interrupting Rating** | 200,000 Amps RMS Symmetrical | | **Mounting Style** | Bolt-on / Blade-style (depending on specific series) | --- ### 2. Physical and Structural Parts The FPK-R-5A is engineered to withstand extreme thermal and mechanical stress during a short-circuit event. Its internal and external parts include: 1. **Ceramic or Melamine Body:** The outer shell is made of high-grade insulating material that can withstand high temperatures without shattering. 2. **Element (Fusible Link):** A precision-cut silver or copper alloy ribbon. The 5A rating is determined by the cross-sectional area of this link. 3. **Arc Quenching Filler:** The interior is usually packed with high-purity **Silica Sand**. When the fuse blows, the sand melts into glass (fulgurite), which absorbs the energy and extinguishes the electrical arc. 4. **End Caps / Terminals:** Made of high-conductivity brass or copper, often tin-plated to prevent oxidation and ensure a low-resistance connection. 5. **Rejection Feature (Class R):** The "R" in the part number indicates a specific physical notch or groove. This prevents a lower-rated fuse from being accidentally installed in a high-protection holder. --- ### 3. Electronic Functionality The primary electronic role of the FPK-R-5A is **Overcurrent Protection**. It operates in two distinct phases: * **Overload Protection:** If the current exceeds 5A slightly (e.g., 7A), the element heats up slowly and eventually melts, breaking the circuit. * **Short-Circuit Protection:** In the event of a massive surge, the element vaporizes almost instantaneously. Because it is **Current-Limiting**, it stops the flow of electricity before the current peak is even reached, protecting sensitive downstream components like semiconductors or transformers. --- ### 4. Common Applications * **Control Transformers:** Protecting the primary side of industrial transformers. * **Motor Branch Circuits:** Providing short-circuit protection for small motors. * **HVAC Systems:** Used in heavy-duty commercial air conditioning units. * **Industrial Panels:** Protecting auxiliary circuits in PLC (Programmable Logic Controller) cabinets.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Fast-Acting and Time-Delay version of this fuse?
    • ⤷ How does the 'Rejection' feature physically look on a Class R fuse?
    • ⤷ Can the FPK-R-5A be used in DC circuits
    • ⤷ or is it AC-only?