Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FPM-2170G-R3AE

  • AI
    The **FPM-2170G-R3AE** is an industrial-grade 17" SXGA monitor manufactured by Advantech. It is designed for human-machine interface (HMI) applications in harsh environments. Below is a detailed breakdown of its electronic components and specifications. --- ### 1. Display and Visual Specifications The core of the unit is a high-quality industrial LCD panel designed for 24/7 operation. | Feature | Specification | | :--- | :--- | | **Panel Type** | SXGA TFT LCD | | **Size** | 17 inches | | **Max Resolution** | 1280 x 1024 | | **Luminance (Brightness)** | 350 $cd/m^2$ | | **Contrast Ratio** | 800:1 | | **Backlight Life** | 50,000 hours | ### 2. Touch Control System The "R" in the model name indicates a **Resistive** touch system, which is ideal for industrial settings where operators may wear gloves. * **Touch Type:** 5-wire Analog Resistive. * **Interface:** Dual-mode (USB and RS-232/COM port) connectivity for touch data. * **Durability:** Rated for 36 million touches at a single point. * **Light Transmission:** Approximately 80%. ### 3. Electronic Interfaces & I/O The rear electronics assembly handles signal conversion and power management. * **Video Input:** * **VGA:** Standard D-Sub 15-pin connector. * **Direct-VGA Signal:** Supports standard analog RGB. * **Control Ports:** * **USB:** For touch screen interface. * **RS-232:** Alternative serial interface for touch screen. * **OSD (On-Screen Display):** Rear-mounted buttons to electronically control contrast, brightness, and positioning. ### 4. Power Circuitry The device is designed to integrate into industrial power grids without specialized consumer adapters. | Component | Detail | | :--- | :--- | | **Input Voltage** | +12V DC (External power adapter) | | **Power Consumption** | ~23 Watts (Typical) | | **Power Connector** | Phoenix-type terminal block (Screw-in for vibration resistance) | ### 5. Environmental Ruggedization The electronic housing and front panel are engineered for high reliability. * **Front Panel Protection:** IP65 rated (Dust-tight and protected against water jets). * **Chassis:** Anti-corrosion treatment with a magnesium alloy front bezel. * **Mounting Support:** Supports VESA (75mm/100mm), Panel, and Wall mounting. ---
    ✨ Follow-up Questions
    • ⤷ Does this model support digital inputs like HDMI or DisplayPort?
    • ⤷ What are the specific power supply requirements for a terminal block connection?
    • ⤷ How does the resistive touch interface differ electronically from a capacitive one?