FPM3022H-R010FKP
AI

## Overview of the FPM3022H-R010FKP
The **FPM3022H-R010FKP** is a high-precision, low-resistance current sensing resistor, typically utilized in power management and automotive electronics. It belongs to a category of "Shunt Resistors" or "Current Sense Resistors" designed to handle high current while maintaining thermal stability.
---
### Technical Specifications
The following table outlines the key electronic characteristics of this component:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Metal Plate Current Sense Resistor |
| **Resistance Value** | 10 mΩ (0.010 Ω) |
| **Tolerance** | ±1% (denoted by 'F') |
| **Power Rating** | 2W to 3W (Package dependent) |
| **Temperature Coefficient (TCR)** | ±50 ppm/°C |
| **Operating Temperature** | -55°C to +170°C |
| **Package Size** | 3022 (Metric) / ~1209 (Imperial) |
---
### Key Electronic Features
1. **Metal Plate Construction:** Unlike standard thick-film resistors, this part uses a solid metal alloy plate. This allows for superior heat dissipation and high pulse-loading capability.
2. **Low TCR (Temperature Coefficient of Resistance):** The "50 ppm" rating ensures that the resistance value stays extremely stable even as the component heats up under high current loads, preventing measurement errors.
3. **Four-Terminal (Kelvin) Potential:** While the physical footprint may vary, parts in this series often support or are optimized for Kelvin sensing to eliminate lead resistance interference.
---
### Application in Circuits
In an electronic circuit, the FPM3022H-R010FKP is placed in series with the load. The voltage drop across the resistor ($V = I \times R$) is measured by a Current Sense Amplifier or Microcontroller.
**Typical Use Cases:**
* **Battery Management Systems (BMS):** Monitoring charge and discharge cycles.
* **DC-DC Converters:** Providing feedback for over-current protection (OCP).
* **Motor Control:** Detecting phase current for precise torque and speed management.
---
### Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **FPM** | Series identifier (Metal Plate/Power) |
| **3022** | Physical dimensions (3.0mm x 2.2mm) |
| **R010** | Resistance Value (0.010 Ohms / 10mΩ) |
| **F** | Tolerance (±1%) |
| **K** | Temperature Coefficient (TCR Code) |
| **P** | Packaging (Taping/Reel) |
- ⤷
What is the maximum current this resistor can handle based on its 3W power rating?
- ⤷ How does a 10mΩ resistor compare to a 1mΩ resistor in terms of measurement sensitivity?
- ⤷ Can this part be used in AEC-Q200 qualified automotive environments?