Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FPM3024H-R010CFR

  • AI
    The **FPM3024H-R010CFR** is a high-performance power component, typically classified as a **Power MOSFET Module** or a specialized **IGBT/Rectifier assembly** used in industrial power electronics. These components are designed for high-current switching and power management applications. --- ### 1. Key Technical Specifications Below are the typical electronic characteristics associated with this class of power modules: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | N-Channel Power MOSFET / Power Module | | **Maximum Voltage ($V_{DSS}$)** | 24V - 30V (Application specific) | | **Continuous Drain Current ($I_D$)** | High Current (e.g., 50A - 100A+ depending on cooling) | | **Configuration** | Half-Bridge or Single Switch | | **Package Type** | Custom Module / Surface Mount Power Package | | **Contact Resistance ($R_{DS(on)}$)** | Ultra-low (mΩ range) to minimize heat loss | --- ### 2. Internal Electronic Parts & Structure The internal architecture of the FPM3024H series usually consists of the following electronic elements: 1. **Silicon Die (MOSFET/IGBT):** The core switching element responsible for controlling the flow of electricity. It uses trench technology to achieve high density and low resistance. 2. **Internal Wire Bonds:** Heavy-duty aluminum or gold wires that connect the silicon die to the external leads, designed to handle high surge currents. 3. **Thermistor (NTC):** Often included within the module to provide real-time temperature feedback to the controller for thermal protection. 4. **Ceramic Substrate (DBC):** Direct Bonded Copper (DBC) provides high electrical insulation while maintaining excellent thermal conductivity to the heat sink. 5. **Gate Resistors:** Integrated resistors to dampen oscillations during high-speed switching. --- ### 3. Applications These parts are engineered for environments where efficiency and power density are critical: * **DC-DC Converters:** Used in point-of-load (POL) power supplies for servers and telecommunications. * **Motor Control:** Driving BLDC (Brushless DC) motors in automotive or industrial robotics. * **Battery Management Systems (BMS):** Serving as high-current disconnects or charging switches. * **Synchronous Rectification:** Replacing diodes in power supplies to increase overall energy efficiency. --- ### 4. Identification Code Breakdown While specific to the manufacturer (often Fairchild/ON Semi or specialized power vendors), the nomenclature usually follows this logic: * **FPM:** Power Module Prefix. * **3024:** Voltage and Current indicators (e.g., 30V / 24A or series 30, version 24). * **R010:** Resistance indicator (likely referring to a 10mΩ or 1.0mΩ $R_{DS(on)}$). * **CFR:** Packaging and RoHS compliance coding.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the FPM3024H series?
    • ⤷ Can this module be used in 48V automotive systems?
    • ⤷ What are the recommended gate drive voltage levels for this specific part?