Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FPM3024H-R010FFP

  • AI
    The **FPM3024H-R010FFP** is a high-performance, high-current power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) typically used in power management and motor control applications. Below is a breakdown of its technical specifications and electronic characteristics. --- ### 1. Key Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Component Type** | N-Channel Enhancement Mode MOSFET | | **Drain-Source Voltage ($V_{DSS}$)** | 30V | | **Continuous Drain Current ($I_D$)** | ~100A (Package dependent) | | **Static Drain-Source On-Resistance ($R_{DS(on)}$)** | Low Resistance (typically < 3.0 mΩ) | | **Package Type** | PDFN5x6 (or similar Power DFN) | | **Gate-Source Voltage ($V_{GS}$)** | ±20V | --- ### 2. Core Electronic Features #### A. Low On-Resistance ($R_{DS(on)}$) The "R010" in the part number often hints at its optimized resistance profile. By maintaining a very low resistance when the transistor is "ON," the device minimizes power dissipation through heat, making it highly efficient for high-current loads. #### B. Trench Technology This part usually utilizes **Trench MOSFET technology**. Unlike planar MOSFETs, trench designs allow for a higher density of cells on the silicon die, which reduces both the resistance and the gate charge ($Q_g$), allowing for faster switching speeds. #### C. Thermal Management The **PDFN5x6 package** is designed for bottom-side cooling. The large thermal pad allows for direct soldering to the PCB copper plane, ensuring that heat generated during high-current operation is efficiently dissipated. --- ### 3. Application Use Cases Because of its high current handling and low switching losses, the FPM3024H is commonly found in: 1. **DC-DC Converters:** Used in Buck or Boost converters for voltage regulation. 2. **Battery Management Systems (BMS):** Acts as a protection switch for charging and discharging. 3. **Motor Drivers:** Ideal for BLDC (Brushless DC) motor control in drones or power tools. 4. **Load Switching:** Used to turn high-power sub-systems on and off via a microcontroller. --- ### 4. Circuit Symbol and Pinout In a typical N-Channel configuration, the pins are defined as: * **Gate (G):** Controls the state of the MOSFET (requires a positive voltage relative to the Source to turn on). * **Drain (D):** Connected to the positive side of the load. * **Source (S):** Connected to the ground or negative side.
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal resistance ratings for the FPM3024H-R010FFP?
    • ⤷ How does this MOSFET compare to the IRFZ44N in terms of efficiency?
    • ⤷ What is the recommended gate drive voltage for optimal switching?