FPM3182H-R010FKP
AI

The **FPM3182H-R010FKP** is a high-precision, low-resistance **Current Sense Resistor** (Shunt) manufactured by ROHM Semiconductor. This specific part is designed for high-power applications requiring accurate current monitoring.
---
### 1. Key Technical Specifications
Below are the primary electronic characteristics of the component:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Resistance Value** | 10 mΩ (0.010 Ω) | Represented by "R010" in the part number. |
| **Tolerance** | ±1% (F) | High precision for accurate measurement. |
| **Power Rating** | 8.0 Watts | Rated for high current flow without overheating. |
| **Temperature Coefficient** | ±50 ppm/°C | Minimal resistance drift across temperature changes. |
| **Operating Temperature** | -65°C to +175°C | Suitable for automotive and industrial environments. |
| **Package / Case** | 3182 (Metric 8021) | Large physical footprint for heat dissipation. |
---
### 2. Internal Construction and Materials
The "Electronic Parts" composition of this shunt resistor is optimized for stability:
* **Resistive Element:** Utilizes a specialized metal alloy (often Manganese-Copper or Ni-Cr based) that maintains a flat resistance curve over a wide temperature range.
* **Terminals:** Features heavy-duty copper terminals designed for surface mounting (SMD) to ensure a low-resistance interface with the PCB.
* **Structure:** The "H" series indicates a high-power handling design where the resistive element is welded to the copper electrodes to minimize internal thermal resistance.
---
### 3. Application Use Cases
This component is typically found in circuits where high current needs to be measured via a voltage drop ($V = I \times R$):
1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in EVs or energy storage systems.
2. **Motor Control:** Detecting phase current for industrial motor drives.
3. **DC-DC Converters:** Providing feedback loops for current-mode power supplies.
4. **Automotive Electronics:** (AEC-Q200 compliant) Used in power steering or braking control units.
---
### 4. Part Number Breakdown
Understanding the suffix codes:
* **FPM:** Series identifier (High Power Shunt Resistor).
* **3182:** Physical dimensions (3.1mm x 8.2mm approx).
* **H:** High power type.
* **R010:** 10 milliohms.
* **F:** ±1.0% tolerance.
* **KP:** Packaging code (Embossed tape).
- ⤷
What are the recommended PCB layout practices for this 10mΩ shunt to ensure accuracy?
- ⤷ How does the 8W power rating change if the ambient temperature exceeds 70°C?
- ⤷ Are there alternative resistance values available in the FPM3182 series?