FPM3182H-R010JAP
AI

The **FPM3182H-R010JAP** is a high-precision, low-resistance shunt resistor typically used for current sensing applications. These components are critical in power management systems where monitoring current flow with minimal energy loss is required.
### 1. Key Technical Specifications
| Parameter | Specification Details |
| :--- | :--- |
| **Component Type** | Metal Plate Shunt Resistor (Current Sense) |
| **Resistance Value** | 10 mΩ (0.010 Ohms) |
| **Resistance Tolerance** | ±5% (indicated by 'J' in the suffix) |
| **Power Rating** | High Power (Typically 3W to 5W depending on thermal management) |
| **Technology** | Metal Alloy Plate for high stability |
| **Operating Temp** | -55°C to +170°C |
---
### 2. Detailed Electronic Characteristics
#### A. Resistance Precision (R010J)
The part number segment `R010` signifies **10 milliohms**. The `J` represents a **5% tolerance**. While 5% is standard, the metal plate construction ensures that the resistance remains stable even under high thermal stress.
#### B. Temperature Coefficient of Resistance (TCR)
As a high-end shunt, this part features a low TCR. This means the resistance value does not drift significantly as the component heats up, ensuring that current measurements remain accurate during continuous operation.
#### C. Construction and Heat Dissipation
The "FPM" series utilizes a robust metal alloy element. Unlike thick-film resistors, metal plate resistors can handle high pulse currents and have superior heat dissipation properties, which prevents the component from burning out during overcurrent events.
---
### 3. Common Applications
Because of its low resistance and high power handling, the FPM3182H-R010JAP is found in the following electronic modules:
* **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Lithium batteries.
* **DC-DC Converters:** Providing feedback loops for current-mode control.
* **Motor Controllers:** Sensing phase current to protect the motor and drive circuitry.
* **Automotive Electronics:** Power distribution units and electronic power steering.
---
### 4. Typical Connection Diagram
In a circuit, this part is placed in series with the load. The voltage drop ($V$) across the resistor is measured to calculate the current ($I$) using Ohm’s Law: $I = V / R$.
```text
[Power Source] ----+---- [Load] ----+---- [Ground]
| |
+--[ R010 Shunt ]--+
| |
+----(To ADC)----+
```
- ⤷
What is the maximum current this resistor can handle based on its wattage?
- ⤷ How does the 'J' tolerance affect measurement accuracy in a BMS?
- ⤷ Are there 1% tolerance alternatives available for the FPM3182H series?