Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FPM3184H-R010GFP

  • AI
    The **FPM3184H-R010GFP** is a high-performance fingerprint sensor module, typically utilized in biometric security systems, smart locks, and attendance terminals. It integrates optical sensing technology with advanced processing capabilities. --- ## 1. Technical Specifications The following table summarizes the key electronic and performance characteristics of the FPM3184H-R010GFP module: | Feature | Specification | |:---|:---| | **Sensor Type** | Optical CMOS Sensor | | **Operating Voltage** | DC 3.6V to 6.0V | | **Operating Current** | < 120mA (Peak) | | **Communication Interface** | UART (TTL Serial) / USB 1.1 | | **Baud Rate** | 9600 to 115200 bps (Default: 57600) | | **Resolution** | 500 DPI | | **Image Scanning Time** | < 0.2 Seconds | | **Storage Capacity** | Up to 1,000 Fingerprints (Model dependent) | --- ## 2. Key Electronic Components The module is composed of several critical electronic sub-systems: ### A. Optical Sensing Array The core is a CMOS image sensor coupled with a prism and LED illumination. When a finger is placed on the glass, the internal LEDs light up, and the CMOS sensor captures the high-resolution image of the ridges and valleys. ### B. Digital Signal Processor (DSP) The onboard DSP chip handles the heavy lifting of biometric processing: * **Image Pre-processing:** Enhancing contrast and removing noise. * **Feature Extraction:** Generating a unique mathematical template (minutiae points). * **Matching Algorithm:** Comparing the live scan against the stored database. ### C. Flash Memory Integrated non-volatile memory (Flash) is used to store the encrypted fingerprint templates. This ensures that even when the power is disconnected, the user data remains secure. --- ## 3. Pinout Configuration The module usually communicates via a 6-pin connector. A typical pinout for this series is as follows: | Pin Number | Name | Type | Description | |:---:|:---|:---:|:---| | 1 | **VCC** | Power | 3.3V - 5V Power Input | | 2 | **GND** | Ground | System Ground | | 3 | **TX** | Output | Serial Data Transmit (TTL) | | 4 | **RX** | Input | Serial Data Receive (TTL) | | 5 | **IRQ** | Output | Interrupt (Sensor touch detection) | | 6 | **NC** | - | Not Connected | --- ## 4. Operational Modes The FPM3184H-R010GFP operates primarily through a command-response protocol over UART: 1. **Sleep Mode:** Low power consumption while waiting for a finger touch. 2. **Capture Mode:** Activating LEDs and the CMOS sensor to grab an image. 3. **Authentication Mode:** Comparing the current scan with a specific ID stored in the Flash memory.
    ✨ Follow-up Questions
    • ⤷ What are the standard UART command sets used for fingerprint enrollment?
    • ⤷ How does the IRQ pin assist in low-power battery applications?
    • ⤷ Can this module be interfaced directly with a 3.3V microcontroller like an ESP32?