Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FPM3252H-R010FKR

  • AI
    The **FPM3252H-R010FKR** is a high-precision, high-power **Current Sense Resistor** (also known as a Shunt Resistor). It is designed for automotive and industrial applications where accurate current measurement and heat dissipation are critical. --- ## 1. Technical Specifications Below is a summary of the core electronic characteristics of the FPM3252H-R010FKR: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Resistance Value** | 10 mΩ (0.010 Ω) | Low resistance to minimize power loss. | | **Tolerance** | ±1% (F) | High precision for accurate current sensing. | | **Power Rating** | 3 Watts to 5 Watts | Capability to handle high energy dissipation. | | **TCR** | ±50 ppm/°C | Temperature Coefficient of Resistance (Stability over heat). | | **Package Code** | 3252 (Metric) / 1220 (Imperial) | Surface Mount Device (SMD) dimensions. | | **Technology** | Metal Plate / Shunt | Solid metal construction for high reliability. | --- ## 2. Key Internal Components & Construction The "Electronic Parts" of this component refer to its physical and chemical build: 1. **Resistive Element:** Typically made of a specialized **Manganin or NiCr (Nickel-Chrome) alloy**. These metals are chosen because their resistance changes very little when the part gets hot (Low TCR). 2. **Electrodes:** Large copper terminations are used to ensure low contact resistance and to act as a "heat sink" to pull thermal energy away from the resistive element into the PCB. 3. **Coating:** A high-temperature epoxy or ceramic coating protects the metal plate from oxidation and mechanical stress. --- ## 3. How It Functions in a Circuit The FPM3252H-R010FKR operates based on **Ohm’s Law ($V = I \times R$)**: * **Current Sensing:** As current flows through the 10mΩ resistor, a small voltage drop occurs across its terminals. * **Measurement:** An Integrated Circuit (like a Current Sense Amplifier) measures this voltage drop. * **Calculation:** Because the resistance ($R$) is known and stable, the system can precisely calculate the Current ($I$) flowing through the circuit. --- ## 4. Typical Applications * **BMS (Battery Management Systems):** Monitoring charge/discharge cycles in EV batteries. * **DC-DC Converters:** Controlling power flow in voltage regulators. * **Motor Control:** Detecting overcurrent conditions in industrial motors. * **Automotive Electronics:** Power steering and braking systems (AEC-Q200 compliant designs).
    ✨ Follow-up Questions
    • ⤷ What is the maximum current this resistor can handle based on its 3W power rating?
    • ⤷ How does the TCR of 50ppm affect measurement accuracy at high temperatures?
    • ⤷ What are the recommended PCB landing pattern dimensions for the 3252 package?