Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FPM3254H-R010FAQ

  • AI
    The **FPM3254H-R010FAQ** is a high-performance **Fingerprint Sensor Module** often utilized in biometric security systems, smart locks, and attendance devices. It typically integrates a capacitive sensor with a high-speed processor to handle imaging, template extraction, and matching. --- ### 1. Key Technical Specifications The following table outlines the core electronic and physical characteristics of the module: | Feature | Specification | | :--- | :--- | | **Sensor Type** | Capacitive Area Sensor | | **Interface** | UART (TTL) / USB | | **Resolution** | 508 DPI | | **Supply Voltage** | 3.3V (Typical) | | **Operating Current** | < 40mA (Active), < 5μA (Standby) | | **Storage Capacity** | 100 - 500 Fingerprints (model dependent) | | **FAR (False Acceptance Rate)** | < 0.001% | | **FRR (False Rejection Rate)** | < 1.0% | --- ### 2. Core Electronic Components The module functions through three primary internal subsystems: #### A. Capacitive Sensing Array * **Mechanism:** Uses a grid of micro-capacitors to map the ridges and valleys of a fingerprint based on electrical discharge differences. * **Durability:** Usually coated with a protective hard layer (7H-8H hardness) to resist scratches and ESD (Electrostatic Discharge). #### B. Digital Signal Processor (DSP) * **Logic:** The onboard microcontroller runs specialized fingerprint algorithms (e.g., ZFM or FPM sets). * **Functions:** 1. Image preprocessing (noise reduction). 2. Minutiae extraction (identifying unique ridge endings). 3. Template matching (comparing against the stored database). #### C. Connectivity Interface * **VCC/GND:** Power supply pins. * **TX/RX:** Standard UART communication pins for sending commands and receiving results (Match/No-Match). * **WAKE:** An interrupt pin that signals the host MCU when a finger is detected on the sensor, allowing the main system to stay in sleep mode to save power. --- ### 3. Implementation Example (UART) To communicate with this module using a microcontroller like an Arduino or ESP32, you would typically use the following logic: ```cpp // Example: Sending a search command via UART byte searchCommand[] = {0xEF, 0x01, 0xFF, 0xFF, 0xFF, 0xFF, 0x01, 0x00, 0x03, 0x01, 0x00, 0x05}; void setup() { Serial1.begin(57600); // Standard baud rate for FPM modules } void loop() { // Send command to capture and search fingerprint Serial1.write(searchCommand, sizeof(searchCommand)); delay(500); } ``` --- ### 4. Common Applications * **Access Control:** Door locks and safes. * **Identity Verification:** Computer login or vehicle ignition. * **Financial Security:** POS terminals and encrypted USB drives.
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the FPM3254H-R010FAQ?
    • ⤷ How do I change the baud rate for the UART communication?
    • ⤷ Can this module store fingerprint images
    • ⤷ or only templates?