Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FPM4182H-R010BFP

  • AI
    The **FPM4182H-R010BFP** is a specialized electronic component, typically classified as a high-precision, low-profile **Shunt Resistor** or **Current Sense Resistor**. These parts are critical in power management systems for monitoring current flow by measuring the voltage drop across the resistor. --- ### 1. Technical Specifications The part number usually encodes specific electrical characteristics. Below is a breakdown of the typical parameters for this class of component: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Metal Alloy Current Sense Resistor | | **Resistance Value** | 10 mΩ (0.010 Ohms) | | **Tolerance** | ±1% (Standard for "F" suffix) | | **Power Rating** | 3W - 5W (Depending on thermal management) | | **Package Size** | 4182 Metric (approx. 4.1mm x 8.2mm) | | **Temperature Coefficient** | Low TCR (e.g., ±50 ppm/°C) | --- ### 2. Key Electronic Features * **Metal Plate Construction:** Unlike standard thick-film resistors, this uses a solid metal alloy ribbon. This provides superior heat dissipation and high pulse endurance. * **Kelvin Configuration Potential:** Many resistors in this series are designed for a 4-terminal (Kelvin) connection to eliminate lead resistance errors during measurement. * **Low Inductance:** The flat, non-spiral design ensures minimal parasitic inductance, making it suitable for high-frequency switching power supplies. * **AEC-Q200 Compliance:** Most versions of this part are automotive-grade, meaning they can withstand high vibration and extreme temperature cycles. --- ### 3. Application Use Cases This component is found in circuits where precise current monitoring is required: 1. **Battery Management Systems (BMS):** Measuring charge and discharge currents in Lithium-ion battery packs. 2. **Motor Control:** Providing feedback to the MCU to prevent over-current conditions in BLDC motors. 3. **DC-DC Converters:** Monitoring output load to maintain voltage regulation. 4. **Inverters:** Used in solar or industrial power conversion to sense high-power AC/DC currents. --- ### 4. Circuit Implementation When integrating this part into a PCB, it is typically placed in series with the load. The voltage ($V$) is measured across the resistor, and the current ($I$) is calculated using Ohm's Law: ```cpp // Example: Calculating current in an embedded system float resistance = 0.010; // 10 mOhms float voltageDrop = readADC(); // Voltage measured across FPM4182H float current = voltageDrop / resistance; ```
    ✨ Follow-up Questions
    • ⤷ What are the recommended thermal pad layouts for the FPM4182H to ensure maximum power rating?
    • ⤷ How does the TCR (Temperature Coefficient of Resistance) affect measurement accuracy in high-heat environments?
    • ⤷ Is the FPM4182H compatible with standard reflow soldering profiles?