Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FPM4182H-R010FAQ

  • AI
    The **FPM4182H-R010FAQ** is a specialized electronic component, typically categorized as a high-precision **Current Sense Resistor** (Shunt Resistor). These components are critical in power management systems for measuring current flow with minimal energy loss. --- ### 1. Technical Specifications Below is a breakdown of the typical electronic characteristics of this series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Metal Alloy Shunt Resistor (SMD) | | **Resistance Value** | 10 mΩ (milliohms) | | **Tolerance** | ±1% (Standard for 'F' designation) | | **Power Rating** | 3W - 5W (Depending on thermal management) | | **Temperature Coefficient (TCR)** | Low (typically < 50 ppm/°C) | | **Package Size** | 4182 Metric (approx. 10.5 x 2.1 mm) | --- ### 2. Key Electronic Components & Construction The FPM4182H-R010FAQ is engineered using specific materials to ensure stability under high loads: * **Resistive Element:** Usually a Manganese-Copper (Manganin) or Nickel-Chrome alloy. These materials provide a stable resistance even as the temperature rises. * **Terminal Structure:** Large copper terminals are used to minimize "Parasitic Resistance." This ensures that the voltage drop measured is strictly across the resistive element, not the solder joints. * **Encapsulation:** High-temperature molded epoxy or ceramic coating for environmental protection and heat dissipation. --- ### 3. Functional Application In a circuit, this part functions as a **Shunt**. According to Ohm's Law ($V = I \times R$), as current ($I$) passes through the $10\text{ m}\Omega$ resistor, a small voltage ($V$) is generated. #### Common Use Cases: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in EV batteries or power tools. 2. **DC-DC Converters:** Providing feedback loops for current-mode control. 3. **Motor Controllers:** Sensing phase current to prevent over-current damage. --- ### 4. Part Number Decoding (Typical) While naming conventions vary slightly by manufacturer (e.g., Cyntec, Isabellenhütte), the string usually breaks down as follows: ```text FPM - Series (Power Metal Plate) 4182 - Case Size (Dimensions) H - Power/Temperature Rating code R010 - Resistance Value (0.010 Ohms or 10mΩ) F - Tolerance (±1%) AQ - Automotive Grade / Qualification (AEC-Q200) ```
    ✨ Follow-up Questions
    • ⤷ What are the thermal dissipation requirements for the 4182 package size?
    • ⤷ How does a 1% tolerance affect the accuracy of current measurement in a BMS?
    • ⤷ Can this resistor be used in high-frequency switching power supplies?