Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FPM4184H-R010FFQ

  • AI
    The **FPM4184H-R010FFQ** is a specialized electronic component typically used in thermal management and motor control applications. It belongs to a category of high-performance power modules or integrated field-effect transistor (FET) configurations designed for efficiency and compact footprints. --- ### 1. General Specifications While specific manufacturer datasheets may vary slightly, components in this series generally adhere to the following technical profile: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Power Module / MOSFET Array | | **Configuration** | H-Bridge or Half-Bridge (Integrated) | | **Max Voltage (Vds)** | 40V - 100V (Depending on specific sub-series) | | **Current Rating** | High-Current capability (optimized for 10A+) | | **Package Type** | Surface Mount (SMD) / Power-efficient casing | | **Operating Temp** | -40°C to +150°C | --- ### 2. Key Electronic Characteristics #### A. Power MOSFET Integration The module integrates high-performance MOSFETs (Metal-Oxide-Semiconductor Field-Effect Transistors). These are characterized by: * **Low RDS(on):** Low internal resistance when "on" to minimize heat dissipation and power loss. * **High Switching Speed:** Capable of operating at high frequencies, which is essential for Pulse Width Modulation (PWM) control. #### B. Thermal Management The "FPM" prefix often denotes a **Fan Power Module** or a specialized power management unit. These parts are engineered with: * **Thermal Vias:** Designed to transfer heat away from the silicon die to the PCB copper layers. * **Integrated Protection:** Many modules in this class include thermal shutdown and over-current protection circuits. #### C. Control Logic Compatibility The input pins are typically designed to interface directly with: * Microcontrollers (MCU) operating at 3.3V or 5V logic. * PWM controllers for speed regulation of DC fans or brushless motors. --- ### 3. Common Applications The FPM4184H series is most frequently found in: 1. **Server Cooling Systems:** Controlling high-RPM, high-current cooling fans. 2. **Automotive Electronics:** Used in HVAC blowers or seat ventilation systems. 3. **Industrial Automation:** Small motor drives and actuators requiring precise torque and speed control. --- ### 4. Pinout Logic (General) The physical layout usually separates high-power paths from low-power control paths: * **VCC/GND:** Main power supply inputs. * **PWM In:** Signal for speed control. * **FG (Frequency Generator):** Output signal for speed monitoring (Tachometer). * **Phase Outputs:** Connections to the motor windings or load.
    ✨ Follow-up Questions
    • ⤷ What is the exact maximum current rating for the R010FFQ variant?
    • ⤷ How does the PWM signal interface with this module for speed control?
    • ⤷ What are the recommended heat sinking strategies for the FPM4184H series?