Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FPV420-20-R050FS

  • AI
    The **FPV420-20-R050FS** is a specific surface-mount electronic component, typically categorized as a **Chip Shunt Resistor** or a **Current Sense Resistor**. It is designed to measure current by monitoring the voltage drop across its resistive element. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications Based on the part number nomenclature, the primary attributes are defined as follows: | Feature | Specification | Description | | :--- | :--- | :--- | | **Type** | Metal Foil Shunt | High-precision, low-resistance alloy | | **Case Size** | 4020 (Metric) | Large footprint for high heat dissipation | | **Resistance Value** | 50 mΩ (0.050Ω) | Identified by "R050" | | **Tolerance** | ±1% (F) | High precision for measurement accuracy | | **Power Rating** | High Power | Typically ranges from 3W to 7W depending on cooling | | **TCR** | Low Temp Coefficient | Minimizes resistance drift as the part heats up | --- ### 2. Internal Construction The "FPV" series generally utilizes a **Metal Plate / Metal Alloy** construction rather than a thick-film paste. This provides several electronic advantages: * **Low Inductance:** Necessary for high-frequency switching environments (like motor controllers). * **High Pulse Capability:** Can withstand short bursts of high current without burning out. * **Heat Dissipation:** The large 4020 footprint allows heat to transfer efficiently to the PCB copper planes. --- ### 3. Application Circuits This component is commonly found in power electronics. Its primary role is **Current Sensing**. #### Common Use Cases: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge rates of Li-ion packs. 2. **Motor Drivers:** Providing feedback to the controller to prevent over-current conditions. 3. **DC-DC Converters:** Sensing output current for regulation. #### Implementation Example (Ohm's Law): If you are passing **10 Amperes** through this resistor: ```python # V = I * R Current = 10 # Amps Resistance = 0.050 # Ohms (50mR) Voltage_Drop = Current * Resistance # Result: 0.5 Volts (500mV) sensed by the ADC ``` --- ### 4. Handling and Soldering * **Mounting:** Being an SMD (Surface Mount Device), it requires precise solder paste application. * **Kelvin Connection:** To achieve the 1% accuracy, it is highly recommended to use a **4-terminal (Kelvin)** PCB layout. This ensures the voltage is measured directly across the resistor body, excluding the resistance of the solder joints and PCB traces. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the FPV420-20-R050FS?
    • ⤷ How do I implement a Kelvin connection layout for this resistor?
    • ⤷ What are the alternatives to metal foil resistors for current sensing?