Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FPV420-20-R050LS

  • AI
    The **FPV420-20-R050LS** is a high-precision, low-resistance **Current Sense Resistor** (often referred to as a Shunt Resistor). These components are critical in power management systems for monitoring current flow by measuring the voltage drop across the resistor. --- ### 1. Key Technical Specifications Based on the part number nomenclature (typically associated with manufacturers like Isabellenhütte or similar precision resistor specialists), here are the primary specifications: | Parameter | Value / Description | | :--- | :--- | | **Resistance Value** | 50 mΩ (0.050 Ohms) | | **Power Rating** | Typically 2W to 5W (Depending on heat sinking) | | **Tolerance** | Usually ±1% or ±0.5% (High Precision) | | **Temperature Coefficient (TCR)** | Very Low (e.g., < 50 ppm/K) | | **Package / Form Factor** | SMD (Surface Mount Device) | | **Technology** | Metal Foil or Manganese-Copper Alloy | --- ### 2. Functional Breakdown The part is designed for **Kelvin Connection (4-Terminal)** sensing, which is why it is often used in sensitive electronic circuits. * **R050 Marking:** This indicates the resistance value. "R" acts as the decimal point, followed by the value in Ohms (0.050). * **Low Inductance:** Because these are often used in high-frequency switching power supplies, they are designed with negligible inductance to prevent signal distortion. * **Thermal Stability:** The "LS" suffix often refers to a specific lead style or low-stress construction, ensuring the resistance doesn't drift as the component heats up during operation. --- ### 3. Common Applications This specific part is typically found in the following electronic modules: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Lithium batteries. 2. **DC-DC Converters:** Providing feedback loops for current-mode control. 3. **Motor Controllers:** Detecting over-current conditions to protect the motor and FETs. 4. **Power Inverters:** Used in renewable energy systems (Solar/Wind) to measure output current. --- ### 4. Circuit Implementation To use this part, it is placed in series with the load. The voltage ($V$) is measured across it, and the current ($I$) is calculated using Ohm’s Law: `I = V / R` ```cpp // Example: Current Calculation in Firmware float shuntResistance = 0.050; // 50 mOhms float measuredVoltage = get_adc_voltage(); float currentAmps = measuredVoltage / shuntResistance; ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current capacity for this 50 mOhm resistor?
    • ⤷ How does a 4-terminal Kelvin connection improve measurement accuracy?
    • ⤷ What are the recommended footprint dimensions for soldering this component?