Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FR152S

  • AI
    ## Overview of the FR152S Diode The **FR152S** is a member of the Fast Recovery Rectifier diode family. It is specifically designed for applications where high switching speeds and low power loss are critical. The "FR" prefix stands for "Fast Recovery," and the "S" suffix often denotes specific packaging or manufacturer variations (typically high-reliability versions in small DO-41 or R-1 packages). --- ### Technical Specifications The following table outlines the core electronic characteristics of the FR152S: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Peak Repetitive Reverse Voltage ($V_{RRM}$)** | 100V | Maximum voltage the diode can block in reverse. | | **Maximum RMS Voltage** | 70V | Root Mean Square voltage limit. | | **Average Forward Current ($I_{F(AV)}$)** | 1.5A | Maximum continuous current allowed in forward bias. | | **Peak Forward Surge Current ($I_{FSM}$)** | 50A | Maximum momentary current (8.3ms half sine-wave). | | **Reverse Recovery Time ($t_{rr}$)** | 150ns | Time taken to stop conducting after switching from forward to reverse. | | **Forward Voltage Drop ($V_F$)** | 1.3V | Voltage loss across the diode at 1.5A. | | **Operating Temperature** | -65 to +150°C | Safe thermal range for operation. | --- ### Key Features 1. **Fast Switching:** With a recovery time of 150 nanoseconds, it is significantly faster than standard diodes (like the 1N400x series), making it suitable for high-frequency rectification. 2. **Low Reverse Leakage:** It minimizes energy loss when the diode is in the "off" state. 3. **High Surge Capacity:** It can handle sudden spikes in current (up to 50A) without immediate failure. 4. **Construction:** Usually encapsulated in a flame-retardant plastic case (UL 94V-0 rated). --- ### Common Applications The FR152S is frequently found in the following electronic circuits: * **Switching Power Supplies (SMPS):** Used to convert AC to DC at high frequencies. * **DC-DC Converters:** Acts as a "freewheeling" diode to protect components from inductive kicks. * **Inverters:** Manages high-speed switching for power conversion. * **Freewheeling Diode:** Used in motor control circuits to dissipate energy from inductive loads. --- ### Comparison with Standard Diodes | Feature | Standard (e.g., 1N4002) | Fast Recovery (FR152S) | | :--- | :--- | :--- | | **Recovery Speed** | Slow (>500ns) | Fast (150ns) | | **Frequency Range** | 50Hz - 60Hz | Up to 100kHz+ | | **Efficiency** | Lower in high-speed circuits | Higher due to lower switching loss |
    ✨ Follow-up Questions
    • ⤷ What are the pinout and polarity markings for the FR152S package?
    • ⤷ How does the FR152S compare to the FR157 in terms of voltage rating?
    • ⤷ Can the FR152S be used in a bridge rectifier circuit?