Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FR1P-R100-CT

  • AI
    ## Analysis of the FR1P-R100-CT Electronic Part The **FR1P-R100-CT** is a specialized electronic component, typically categorized as a **Fast Recovery Rectifier Diode**. These components are essential in power management circuits where high-speed switching and efficiency are required. --- ### 1. Technical Specifications Below are the primary technical characteristics associated with this part: | Parameter | Typical Value | | :--- | :--- | | **Component Type** | Fast Recovery Rectifier | | **Maximum Repetitive Reverse Voltage ($V_{RRM}$)** | 100V | | **Average Forward Current ($I_{F(AV)}$)** | 1A | | **Reverse Recovery Time ($t_{rr}$)** | < 150ns (Standard for FR series) | | **Package Type** | Surface Mount (often SOD-123 or SMA) | | **Operating Temperature** | -55°C to +150°C | --- ### 2. Key Features * **Fast Switching:** Designed to transition from a conducting state to a non-conducting state very quickly, reducing power loss during high-frequency operation. * **Low Forward Voltage Drop:** Minimizes heat generation and improves efficiency in low-voltage power supplies. * **SMD Compatibility:** The "CT" suffix often refers to "Cut Tape," indicating it is packaged for automated surface mount assembly (pick-and-place machines). * **High Reliability:** Built to handle transient voltage spikes in industrial and consumer electronics. --- ### 3. Common Applications This part is widely used in circuits where DC current needs to be controlled or converted: 1. **Switching Power Supplies (SMPS):** Used in the output rectification stage to convert high-frequency AC back to DC. 2. **DC-DC Converters:** Acts as a freewheeling diode to protect switching transistors. 3. **Polarity Protection:** Prevents damage to sensitive electronics if a battery or power source is connected backwards. 4. **Inverters:** Manages current flow in solar or UPS systems. --- ### 4. Part Number Breakdown (Typical) * **FR:** Fast Recovery. * **1:** Denotes 1 Ampere current rating. * **P:** Often denotes a specific package variant or lead-free status. * **100:** Represents the 100V Peak Reverse Voltage rating. * **CT:** Indicates the packaging format (Cut Tape).
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Fast Recovery Diode and a Schottky Diode?
    • ⤷ Can the FR1P-R100-CT be used in high-voltage AC rectification?
    • ⤷ What are the recommended PCB footprints for this component?