Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FR2AB

  • AI
    ## Technical Overview of the FR2AB Diode The **FR2AB** is a Surface Mount (SMD) Fast Recovery Rectifier. It is commonly used in power management circuits where high speed and efficiency are required during the switching process. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the FR2AB: | Parameter | Symbol | Value | Unit | | :--- | :---: | :---: | :--- | | **Maximum Repetitive Reverse Voltage** | $V_{RRM}$ | 50 | Volts | | **Maximum RMS Voltage** | $V_{RMS}$ | 35 | Volts | | **Maximum DC Blocking Voltage** | $V_{DC}$ | 50 | Volts | | **Maximum Average Forward Current** | $I_{F(AV)}$ | 2.0 | Amperes | | **Peak Forward Surge Current** (8.3ms) | $I_{FSM}$ | 50 | Amperes | | **Maximum Reverse Recovery Time** | $T_{rr}$ | 150 | Nanoseconds | | **Maximum Forward Voltage** (@ 2.0A) | $V_F$ | 1.3 | Volts | --- ### 2. Physical Characteristics * **Package Type:** SMB (DO-214AA). * **Case Material:** Molded plastic (UL 94V-0 flammability rating). * **Terminals:** Solderable per MIL-STD-750. * **Polarity:** Color band denotes the **cathode** end. --- ### 3. Applications and Features The FR2AB belongs to the "Fast Recovery" family, making it distinct from standard rectifiers like the S2A series. #### Main Features * **Fast Switching:** Low reverse recovery time ($T_{rr}$) minimizes power loss during high-frequency operation. * **Low Profile:** The SMB package is ideal for automated surface mount assembly in compact electronics. * **High Reliability:** Built to handle significant surge currents. #### Common Uses 1. **SMPS (Switched-Mode Power Supplies):** Used for rectification in high-frequency DC-DC converters. 2. **Inverters:** Acts as a freewheeling diode to protect transistors from inductive spikes. 3. **Polarity Protection:** Prevents damage to circuits if the power supply is connected backward. --- ### 4. Comparison: FR2AB vs. Similar Diodes The "FR2" series ranges from A to M, where the final letter determines the voltage rating: | Model | Max Reverse Voltage ($V_{RRM}$) | Recovery Speed | | :--- | :--- | :--- | | **FR2AB** | 50V | Fast (150ns) | | **FR2BB** | 100V | Fast (150ns) | | **FR2GB** | 400V | Fast (150ns) | | **FR2MB** | 1000V | Fast (500ns) |
    ✨ Follow-up Questions
    • ⤷What is the difference between a Fast Recovery Diode and an Ultra Fast Recovery Diode?
    • ⤷ How does the reverse recovery time (Trr) affect circuit efficiency?
    • ⤷ Can I replace an FR2AB with an RS2A diode in a power supply?