Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FRL1-R82-KB

  • AI
    The **FRL1-R82-KB** is a high-performance **Surface Mount (SMT) Inductor**, specifically categorized as a power inductor or RF chip inductor depending on the specific application circuit. It is widely used in power management and signal filtering. --- ### 1. Technical Specifications The part number follows a standard nomenclature for electronic components. Here are the primary technical characteristics: | Parameter | Value / Detail | | :--- | :--- | | **Component Type** | Fixed Inductor | | **Inductance** | 0.82 µH (Microhenries) | | **Tolerance** | ±10% (Indicated by 'K') | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Core Material** | Ferrite or Ceramic (depending on sub-series) | | **Packaging** | Tape & Reel (Indicated by 'B') | --- ### 2. Breakdown of the Part Number Understanding the alphanumeric code helps identify the part's physical and electrical limits: * **FRL1**: Series identifier. Usually refers to the physical size (footprint) and the internal construction style (wire-wound or multilayer). * **R82**: The inductance value. The "R" acts as a decimal point. Hence, $0.82$ µH. * **K**: Tolerance rating. "K" signifies a $\pm10\%$ deviation from the nominal inductance. * **B**: Packaging code, typically referring to Bulk or standard Tape & Reel for automated assembly. --- ### 3. Key Electronic Functions In a circuit, the FRL1-R82-KB performs three main roles: 1. **Energy Storage:** In DC-DC converters (buck/boost), it stores energy in a magnetic field during the switching cycle to maintain a steady output current. 2. **Noise Suppression (Filtering):** Due to its impedance characteristics, it blocks high-frequency AC noise while allowing DC to pass, acting as a low-pass filter. 3. **Impedance Matching:** In RF applications, it helps match the impedance between different stages of an amplifier or antenna to maximize power transfer. --- ### 4. Typical Applications * **Mobile Devices:** Power management modules for smartphones and tablets. * **Computing:** Voltage Regulator Modules (VRMs) on motherboards. * **Telecommunications:** Signal conditioning in high-frequency transmission equipment. * **Consumer Electronics:** Filtering in LED drivers and portable audio devices.
    ✨ Follow-up Questions
    • ⤷ What are the maximum current (Irms) and saturation current (Isat) ratings for this part?
    • ⤷ How does the 'K' tolerance compare to 'J' or 'M' tolerances in inductors?
    • ⤷ What are the physical dimensions/case size for the FRL1 series?