Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FRN-R-85

  • AI
    ## FRN-R-85: Technical Overview and Specifications The **FRN-R-85** is a high-performance industrial fuse belonging to the **Fusetron™** series, manufactured by Eaton (Bussmann Division). It is classified as a dual-element, time-delay fuse designed specifically for motor circuits and inductive loads. ### 1. Core Specifications | Feature | Specification | |:---|:---| | **Part Number** | FRN-R-85 | | **Amperage Rating** | 85 Amps | | **Voltage Rating (AC)** | 250 Volts | | **Voltage Rating (DC)** | 125 Volts | | **Interrupting Rating** | 200,000A (RMS Symmetrical) | | **Fuse Class** | Class RK5 | | **Mounting Style** | Blade / Cartridge | --- ### 2. Key Electronic Characteristics #### A. Dual-Element Design Unlike standard "one-time" fuses, the FRN-R-85 contains two distinct internal components: 1. **Thermal Element:** Handles long-term overloads (e.g., 135% of rating). It allows for temporary surges without blowing. 2. **Magnetic/Instantaneous Element:** Responds rapidly to short circuits or heavy faults, clearing the circuit in milliseconds. #### B. Time-Delay Functionality This fuse is engineered to ignore the **inrush current** typically associated with starting electric motors. It can typically hold 500% of its rated current for a minimum of 10 seconds, preventing "nuisance blowing" during equipment startup. #### C. Current Limitation As a Class RK5 fuse, it provides a high degree of current limitation. In the event of a catastrophic short circuit, it physically limits the amount of peak energy (let-through current) that reaches downstream components, protecting sensitive electronics and preventing arc flash damage. --- ### 3. Physical Dimensions & Material * **Body Material:** High-grade fiberglass or melamine tube for heat resistance. * **Terminal Type:** Knife-blade (the "R" in the part number signifies the rejection feature). * **Rejection Feature:** The blade has a specific notch that fits into Class R fuse blocks. This prevents the installation of lower-rated fuses (like Class H) into the circuit, ensuring safety standards are maintained. --- ### 4. Typical Applications * **Motor Control Centers (MCCs):** Used as branch circuit protection for large motors. * **Inductive Loads:** Transformers and solenoids that experience high initial surges. * **General Feeders:** Protecting power distribution panels in industrial environments.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Class RK1 and Class RK5 fuses like the FRN-R-85?
    • ⤷ Can this fuse be used in a 480V circuit if the amperage is lower?
    • ⤷ How do I test if an FRN-R-85 fuse is blown using a multimeter?