Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FRS-30-R

  • AI
    The **FRS-30-R** is a specific electronic component typically categorized as a **subminiature, fast-acting fuse** or a **thermal fuse/resistor** depending on the specific manufacturer (most commonly associated with Bussmann or specialized electronic protection series). Below is a breakdown of its electronic characteristics, specifications, and typical applications. --- ### 1. General Specifications The "30" in the part number usually refers to its amperage rating, while the "R" often signifies "Rejection" style or "RoHS" compliance depending on the series. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Cartridge Fuse / Fusetron | | **Current Rating** | 30 Amperes | | **Voltage Rating (AC)** | 600 Vac (Standard for FRS series) | | **Voltage Rating (DC)** | 300 Vdc | | **Interrupting Rating** | 200,000 Amps RMS Symmetrical | | **Class** | Class RK5 | | **Dimensions** | Approx. 5" x 0.81" (standard 600V 30A size) | --- ### 2. Key Electronic Features #### A. Dual-Element Design The FRS-30-R often features a **dual-element** construction. This allows the part to provide: * **Short-circuit protection:** A fast-clearing element that reacts instantly to high-level faults. * **Overload protection:** A thermal element that handles temporary surges (like motor startups) without blowing, but trips if a sustained overload occurs. #### B. Time-Delay Characteristics This component is "Time-Delay" (Slow-Blow). In electronics and power systems, this means it can carry 500% of its rated current for a minimum of 10 seconds. This is critical for circuits with high inrush currents. #### C. Rejection Feature (The "R" Suffix) The "R" indicates it belongs to the **Class RK5** rejection fuse group. * Physically, these fuses have a specific notch in one of the end caps. * This prevents a user from accidentally replacing it with a fuse of lower interrupting rating (like a Class H fuse), ensuring the safety integrity of the circuit. --- ### 3. Internal Components and Materials The internal architecture of the FRS-30-R is engineered for high-voltage stability: 1. **Tube Material:** Usually high-grade fiberglass or melamine to withstand high internal pressures during a fault. 2. **End Caps:** Nickel or silver-plated brass for high conductivity and corrosion resistance. 3. **Filler:** Granulated quartz or silica sand which acts as an arc-quenching medium to extinguish the electrical arc when the fuse blows. --- ### 4. Typical Applications Because of its high voltage rating and time-delay properties, the FRS-30-R is used in: * **Motor Control Centers:** Protecting individual branch circuits. * **Transformers:** Managing the magnetizing inrush current. * **Industrial HVAC:** Protecting compressors and large fan motors. * **Mains Disconnects:** Used as a primary safety layer in industrial power panels. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an RK5 and an RK1 fuse rating?
    • ⤷ Can the FRS-30-R be used in DC solar applications?
    • ⤷ How do I test if an FRS-30-R fuse is blown using a multimeter?