Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FRS-R-14

  • AI
    ## Detailed Overview of FRS-R-14 Fuse The **FRS-R-14** is a high-performance industrial fuse belonging to the Fusetron™ series, manufactured primarily by **Eaton (Bussmann Division)**. It is a Class RK5, dual-element, time-delay fuse designed to provide superior protection for electrical circuits. --- ### 1. Key Technical Specifications The following table summarizes the core electrical and physical characteristics of the FRS-R-14: | Feature | Specification | | :--- | :--- | | **Amperage Rating** | 14 Amps | | **Voltage Rating (AC)** | 600 Vac | | **Voltage Rating (DC)** | 300 Vdc | | **Interrupting Rating (AC)** | 200,000 Amps RMS Symmetrical | | **Interrupting Rating (DC)** | 20,000 Amps | | **Class** | RK5 | | **Type** | Dual-Element, Time-Delay | | **Body Material** | Fiber Tube | --- ### 2. Functional Components and Design The FRS-R-14 is not a simple wire-link fuse; its "Dual-Element" design provides two distinct levels of protection: 1. **Thermal Element:** Handles low-level overloads. It utilizes a spring-loaded mechanism that triggers when a specific temperature is reached, allowing the fuse to ignore temporary surges (like motor startups). 2. **Magnetic Element (Short-Circuit Section):** Provides instantaneous response to high-level short circuits. This part "blows" immediately to prevent catastrophic equipment damage or fires. 3. **Rejection Feature:** The "R" in the part number indicates a rejection tip. This physical design prevents the installation of fuses with lower voltage or interrupting ratings into the same fuse holder, ensuring safety compliance. --- ### 3. Common Applications Due to its time-delay characteristics, the FRS-R-14 is ideal for inductive loads where high inrush currents are expected: * **Motor Branch Circuits:** Protects motors without nuisance blowing during start-up. * **Transformers:** Handles the initial magnetizing inrush current. * **Solenoids:** Manages the temporary current spikes when energized. * **General Purpose Circuits:** Used in industrial control panels and HVAC systems. --- ### 4. Cross-Reference and Equivalents If the Bussmann FRS-R-14 is unavailable, the following parts are electrically and physically equivalent: * **Littelfuse:** FLSR014 / FLSR014.T * **Mersen (Ferraz Shawmut):** TRS14R ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Class RK1 and Class RK5 fuses?
    • ⤷ How does the time-delay feature prevent 'nuisance blowing' in motors?
    • ⤷ Can I use an FRS-R-14 in a 250V circuit?