FRS-R-35
AI

## Technical Overview: FRS-R-35 Fuse
The **FRS-R-35** is a high-performance industrial fuse manufactured by **Eaton (Bussmann Series)**. It belongs to the **Fusetron™** family and is categorized as a **Class RK5** dual-element, time-delay fuse.
### 1. Core Specifications
| Feature | Specification |
| :--- | :--- |
| **Amperage Rating** | 35 Amps |
| **Voltage Rating (AC)** | 600 Vac |
| **Voltage Rating (DC)** | 300 Vdc |
| **Interrupting Rating (AC)** | 200,000 Amps RMS Symmetrical |
| **Interrupting Rating (DC)** | 20,000 Amps |
| **Class** | RK5 |
| **Type** | Dual-Element, Time-Delay |
---
### 2. Electronic Components and Design
The FRS-R-35 is not a simple wire fuse; it utilizes a **dual-element design** to handle different types of electrical faults:
1. **Thermal Element (Time-Delay):**
* Designed to handle low-level overloads (e.g., motor startups or temporary surges).
* It typically allows 500% of the rated current for at least 10 seconds.
* This prevents "nuisance tripping" when machinery first powers on.
2. **Magnetic/Instantaneous Element:**
* Composed of a notched copper link designed to react instantly to high-level short circuits.
* This component clears the fault in milliseconds to protect downstream electronics and prevent arc flashes.
---
### 3. Key Electronic Features
* **Current Limitation:** As a Class RK5 fuse, it significantly limits the peak let-through current during a fault. This reduces the mechanical and thermal stress on the rest of the circuit's components.
* **Rejection Feature:** The "R" in FRS-R indicates a rejection tip. This physical design prevents the installation of fuses with lower voltage or interrupting ratings into the same fuse holder, ensuring safety compliance.
* **Dual-Voltage Compatibility:** While optimized for 600V AC industrial power, it is also rated for 300V DC, making it versatile for heavy-duty DC motor controls or UPS systems.
---
### 4. Primary Applications
Because of its time-delay characteristics, the FRS-R-35 is primarily used for:
* **Motor Branch Circuits:** Protection against motor burnout from overloads or single-phasing.
* **Transformers:** Handling the high inrush current when a transformer is first energized.
* **General Purpose Solenoids:** Protecting inductive loads that have high initial current draws.
---
- ⤷
What is the difference between an RK1 and an RK5 fuse like the FRS-R-35?
- ⤷ Can this fuse be used in a 240V circuit instead of 600V?
- ⤷ How does the dual-element design improve motor longevity?