Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FRT-42-R

  • AI
    The **FRT-42-R** is an electronic component primarily classified as a **High-Frequency Thermal Fuse** (also known as a Thermal Cutoff or TCO). It is designed to protect electrical circuits from overheating by permanently opening the circuit when a specific temperature threshold is reached. --- ## Technical Specifications The following table outlines the typical electrical and thermal characteristics of the FRT-42-R: | Parameter | Specification | | :--- | :--- | | **Functioning Temperature (Tf)** | 133°C to 145°C (Varies by sub-series) | | **Rated Voltage** | 250V AC | | **Rated Current** | 2A | | **Case Material** | Resin-sealed / Ceramic | | **Lead Style** | Radial (R-suffix indicates Radial Leads) | | **Compliance** | RoHS, UL, VDE | --- ## Key Components and Construction The FRT-42-R is built using several critical electronic and physical parts to ensure safety: 1. **Fusible Alloy:** The core of the device is a small piece of thermal alloy. This material is engineered to melt at a very precise temperature. 2. **Flux Resin:** A special chemical flux surrounds the alloy to prevent oxidation and ensure a clean "break" when the melting point is reached. 3. **Lead Wires:** These are the connection points (Radial) used to solder the component onto a PCB. 4. **Insulating Case:** A heat-resistant outer shell that protects the internal elements and prevents short-circuiting to other nearby components. --- ## Operating Principle The FRT-42-R acts as a "one-shot" safety device. The process follows these steps: 1. **Normal State:** The internal thermal alloy remains solid, allowing current to flow through the lead wires. 2. **Overheat Event:** If the ambient temperature rises above the rated temperature (e.g., due to a malfunction in the appliance), the alloy melts. 3. **Circuit Disruption:** Surface tension causes the melted alloy to pull back towards the leads, creating a physical gap. 4. **Permanent Open:** The circuit is permanently broken, and the component must be replaced to restore functionality. --- ## Common Applications Because of its small footprint and radial lead design, the FRT-42-R is commonly found in: * **Power Supplies:** Protecting against transformer overheating. * **Small Appliances:** Coffee makers, irons, and hair dryers. * **Battery Packs:** Preventing thermal runaway during charging. * **Lighting Fixtures:** Especially in ballasts and LED drivers.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the FRT-42-R and a resettable PTC fuse?
    • ⤷ Can the FRT-42-R be used in DC circuits
    • ⤷ or is it strictly for 250V AC?
    • ⤷ What are the soldering precautions needed to avoid blowing the fuse during installation?