Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FRT-4G-R

  • AI
    The **FRT-4G-R** is an industrial-grade 4G LTE router designed primarily for M2M (Machine-to-Machine) and IoT (Internet of Things) applications. Below is a breakdown of its electronic components, technical specifications, and internal architecture. --- ## 1. Core Technical Specifications The device acts as a gateway between local Ethernet/Serial devices and the cellular network. | Component | Specification | Details | | :--- | :--- | :--- | | **Cellular Module** | 4G LTE Cat 4 | Supports downlink up to 150 Mbps and uplink up to 50 Mbps. | | **Processor (CPU)** | 32-bit MIPS/ARM | Typically utilizes a MediaTek or Qualcomm-based SoC optimized for networking. | | **Memory (RAM)** | 64MB - 128MB | DDR2/DDR3 SDRAM for handling packet routing and OS operations. | | **Storage (Flash)** | 8MB - 16MB | SPI Flash for firmware (usually OpenWrt-based). | | **Power Input** | 9V - 36V DC | Wide voltage input for industrial power stability. | --- ## 2. Interface and Physical Components The electronic layout is centered around connectivity and durability in harsh environments. ### Network Interfaces * **Ethernet Ports:** Generally features 1 WAN and 1 LAN (or 2 LAN) RJ45 ports supporting 10/100 Mbps. * **SIM Slot:** Standard push-push or tray-based slot for a 4G SIM card. * **Antenna Connectors:** 2x SMA connectors (one for Main 4G, one for Diversity/Aux to improve signal stability). ### Communication Ports * **Serial Port (RS232/RS485):** Used for connecting legacy industrial equipment (like PLCs or sensors) to the internet. * **Reset Button:** A recessed tactile switch for restoring factory settings. ### Indicators (LEDs) * **PWR:** Power status. * **NET:** Network registration/activity. * **SIG:** Signal strength indicators (often a 3-bar LED sequence). --- ## 3. Electronic Protection & Design Industrial routers like the FRT-4G-R incorporate specific circuitry to ensure long-term reliability: 1. **Watchdog Timer (Hardware):** An internal electronic timer that automatically reboots the system if the software freezes. 2. **ESD Protection:** The Ethernet and Serial ports are typically protected against Electrostatic Discharge (ESD). 3. **Reverse Polarity Protection:** Prevents damage if the DC power wires are connected incorrectly. 4. **Galvanic Isolation:** Often included on the Serial RS485 lines to prevent ground loops in industrial settings. --- ## 4. Software/Firmware Layer While not a "physical" part, the electronic operation is governed by: * **VPN Support:** Hardware-accelerated encryption for PPTP, L2TP, and IPsec. * **Protocols:** Support for Modbus (TCP to RTU conversion), MQTT for IoT, and standard DHCP/NAT routing. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum power consumption of the FRT-4G-R during peak LTE transmission?
    • ⤷ Does the FRT-4G-R support DIN-rail mounting for industrial cabinets?
    • ⤷ Can the RS485 port be used for Modbus RTU to Modbus TCP conversion?