Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FRT-5A-R

  • AI
    The **FRT-5A-R** is a specific model of a **Miniature PCB Power Relay**. These components are widely used in consumer electronics, industrial automation, and household appliances to switch high-power loads using a low-power control signal. Below is a breakdown of its technical specifications and electronic characteristics. ### 1. Technical Specifications | Feature | Specification Details | | :--- | :--- | | **Contact Form** | 1 Form C (SPDT - Single Pole Double Throw) | | **Rated Load (Resistive)** | 5A at 250VAC / 30VDC | | **Maximum Switching Power** | 1,250VA / 150W | | **Coil Nominal Voltage** | Typically 5V, 12V, or 24V DC (Model dependent) | | **Contact Material** | Silver Alloy (Ag alloy) | | **Mechanical Life** | 10,000,000 operations | | **Electrical Life** | 100,000 operations (at rated load) | --- ### 2. Key Electronic Components & Construction The FRT-5A-R consists of several critical internal parts that allow it to function as an electromechanical switch: * **Electromagnet (Coil):** A copper wire wound around an iron core. When current flows through it, it creates a magnetic field. * **Armature:** A moving piece of metal that is attracted by the magnetic field of the coil, causing the contacts to move. * **Spring Mechanism:** Ensures the armature returns to its original "rest" position once power is removed from the coil. * **Contacts:** The "switches" (Common, Normally Open, Normally Closed) that open or close the high-voltage circuit. --- ### 3. Pinout Configuration The "R" suffix often denotes a specific pin orientation or RoHS compliance depending on the manufacturer (commonly **Forward Industrial Co.** or similar). 1. **Coil Pins (2):** Connected to the control circuit (e.g., a microcontroller via a transistor). 2. **Common (COM):** The center terminal that switches between the other two. 3. **Normally Closed (NC):** Connected to COM when the relay is **OFF**. 4. **Normally Open (NO):** Connected to COM when the relay is **ON**. --- ### 4. Circuit Implementation Example To safely drive an FRT-5A-R relay with a 5V microcontroller (like an Arduino), a flyback diode is essential to prevent voltage spikes. ```cpp // Example: Driving a Relay via a Transistor void setup() { pinMode(7, OUTPUT); // Pin connected to Transistor Base } void loop() { digitalWrite(7, HIGH); // Relay ON - Closes NO contact delay(1000); digitalWrite(7, LOW); // Relay OFF - Returns to NC contact delay(1000); } ``` --- ### 5. Common Applications * **Smart Plugs:** Controlling 110V/220V appliances. * **HVAC Systems:** Switching fans or small motors. * **PLC Outputs:** Interfacing low-voltage logic with industrial actuators. * **Security Systems:** Actuating sirens or electronic locks.
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'R' suffix in the FRT-5A-R part number?
    • ⤷ Can this relay be used to switch DC motors directly?
    • ⤷ Why is a flyback diode necessary when using this relay with a microcontroller?