Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FRT-6A-R

  • AI
    The **FRT-6A-R** is a specific model of a **Rotary Damper**, commonly manufactured by companies like Fuji Latex. These components are used in mechanical and electronic assemblies to control the motion of moving parts (such as lids, doors, or drawers) by providing resistive torque through fluid friction. --- ### 1. Technical Specifications The "6A" typically refers to the torque rating, while the "R" often denotes the direction of rotation or a specific mounting style. | Feature | Specification (Typical) | | :--- | :--- | | **Part Type** | Rotary Damper | | **Torque Range** | Approx. 0.6 N·m (varies by sub-model) | | **Rotation Direction** | Clockwise (R) or Counter-clockwise (L) | | **Max Rotation Speed** | 50 RPM | | **Operating Temperature** | -10°C to +50°C | | **Damping Fluid** | Silicone Oil | | **Body Material** | Polycarbonate or Polyacetal (Plastic) | --- ### 2. Internal Electronic/Mechanical Operation While often categorized under "electromechanical hardware," the internal mechanism is purely mechanical, utilizing fluid dynamics: 1. **The Rotor:** A central gear or shaft that connects to the moving application (e.g., a CD player tray). 2. **Silicone Oil:** The interior is filled with high-viscosity silicone oil. 3. **Vanes/Stator:** As the rotor turns, the oil is forced through small gaps between the rotor and the housing. 4. **Resistance:** The viscosity of the oil creates resistance, which converts kinetic energy into thermal energy, slowing down the movement. --- ### 3. Applications in Electronics The FRT-6A-R is frequently found in consumer electronics where a "premium" feel or soft-open/soft-close functionality is required: * **Audio/Visual Equipment:** Slow-opening cassette decks, CD player trays, or control panel covers. * **Computing:** Retractable keyboard feet or hidden port covers on high-end monitors. * **Household Appliances:** Soft-closing lids on coffee machines or microwave control panels. * **Automotive Interiors:** Damping for glove boxes, cup holders, and ash trays. --- ### 4. Installation and Integration When integrating this part into an electronic enclosure, engineers typically use a specific gear interface: ```markdown Standard Integration Steps: 1. Align the FRT-6A-R gear with the rack or spur gear of the moving component. 2. Secure the damper body to the chassis (usually via snap-fit or screw). 3. Ensure the 'R' (Right/Clockwise) direction matches the movement that requires damping. ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the FRT-6A-R and the FRT-6A-L versions?
    • ⤷ How do I calculate the required torque for a lid using this damper?
    • ⤷ Are there specific maintenance requirements for silicone oil dampers in electronics?