Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FRT-6B-R

  • AI
    The **FRT-6B-R** is a specific electronic component primarily recognized as a **Rotary Damper** or a **Motion Control Component**. These are widely used in consumer electronics and automotive interiors to provide smooth, controlled opening and closing motions. --- ### 1. Technical Specifications The "FRT" series by manufacturers like Fuji Latex typically follows a standard specification set: | Feature | Specification | | :--- | :--- | | **Model** | FRT-6B-R | | **Type** | Rotary (Continuous rotation) | | **Torque Range** | ~0.4 to 1.2 mN·m (varies by sub-spec) | | **Direction** | Right-hand (R) / Clockwise | | **Material** | Polycarbonate (Body), Polyacetal (Gear/Rotor) | | **Fluid Type** | Silicone Oil | | **Operating Temp** | 0°C to 50°C | --- ### 2. How it Works (Internal Electronics/Mechanics) While it is an "electronic part" in the sense that it is found within electronic devices, it functions through **mechanical fluid resistance**: * **Silicone Oil Viscosity:** The internal housing is filled with high-viscosity silicone oil. * **Rotor Resistance:** As the gear (usually a small plastic gear) turns, the internal rotor shears through the oil. * **Damping Force:** The friction created by the oil provides the "soft-touch" feel, preventing lids or drawers from slamming. * **Directionality (The 'R' Suffix):** The **-R** indicates that the damping force is applied in the **Clockwise** direction. Usually, these dampers allow free rotation (low resistance) in the opposite direction. --- ### 3. Common Applications The FRT-6B-R is found in devices where "perceived quality" and mechanical protection are important: 1. **Consumer Electronics:** CD/DVD player trays, cassette decks, and flip-up control panels. 2. **Automotive:** Glove boxes, ashtrays, cup holders, and overhead consoles. 3. **Office Equipment:** Printer lids and scanner covers. --- ### 4. Integration in Circuits Unlike active electronic components (resistors, ICs), the FRT-6B-R is a **passive mechanical load**. * **Mounting:** It is typically snapped into a chassis or mounted via a small screw hole. * **Interaction:** It interacts with a **Rack Gear** or a **Spur Gear** driven by a motor or a manual spring mechanism. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the FRT-6B-R and the FRT-6B-L?
    • ⤷ How do you calculate the required torque for a lid using this damper?
    • ⤷ Are there waterproof versions of the FRT series rotary dampers?