Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FRT-F2-R

  • AI
    ## Understanding the FRT-F2-R Relay The **FRT-F2-R** is a specific model of a subminiature, low-profile electromagnetic relay, typically manufactured by companies like **Forward Relays**. It is designed for PCB (Printed Circuit Board) mounting and is primarily used in telecommunication, office automation, and consumer electronics. --- ### 1. Technical Specifications The following table highlights the core electronic characteristics of the FRT-F2-R series: | Parameter | Specification Details | | :--- | :--- | | **Contact Form** | 2 Form C (DPDT - Double Pole Double Throw) | | **Contact Material** | Silver Alloy (often Gold-clad) | | **Contact Rating** | 1A at 24VDC / 0.5A at 125VAC | | **Max Switching Voltage** | 220VDC / 250VAC | | **Coil Nominal Voltage** | Typically ranges from 3VDC to 24VDC | | **Power Consumption** | Approx. 150mW to 200mW (Sensitive version) | | **Insulation Resistance** | 1,000 MΩ Min. (at 500VDC) | | **Dielectric Strength** | 1,000VAC (between open contacts) | --- ### 2. Key Internal Components The "Electronic Parts" within this relay function together to facilitate switching: * **The Coil:** A copper wire winding around a core. When energized, it creates a magnetic field. The "R" in the part number often signifies a specific coil sensitivity or resistance rating. * **The Armature:** A moving piece of metal that reacts to the magnetic field generated by the coil. * **Contacts (2 Form C):** This relay contains two sets of change-over contacts. Each set has a Common (COM), Normally Open (NO), and Normally Closed (NC) terminal. * **Spring Mechanism:** Ensures the armature returns to its original position once power is removed from the coil. --- ### 3. Pinout Configuration The FRT-F2-R typically follows a standard DIP (Dual In-line Package) footprint. Below is a conceptual representation of the layout: ```text Standard 8-Pin Layout (Bottom View): +-----------------+ | 1 2 3 4 | (1, 8 = Coil Pins) | 8 7 6 5 | (2, 7 = COM; 3, 6 = NC; 4, 5 = NO) +-----------------+ ``` --- ### 4. Common Applications * **Telecommunications:** Switching signal lines in PBX systems or modems. * **Medical Equipment:** Low-power signal switching in diagnostic tools. * **Security Systems:** Activating alarms or sensors. * **Smart Home:** Controlling low-voltage logic circuits.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the standard and sensitive versions of this relay?
    • ⤷ How do I choose a flyback diode for use with the FRT-F2-R coil?
    • ⤷ Can this relay be used to switch 220V AC mains power safely?