Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FRTD-R-0F-LSLASHQ

  • AI
    Based on the part number **FRTD-R-0F-L/Q**, this component belongs to the **FRTD Series** of thin-film Platinum Resistance Temperature Detectors (RTDs) manufactured by companies like **Vishay** or **TE Connectivity**. These sensors are designed for high-precision temperature measurement in industrial, automotive, and medical applications. --- ### 1. Technical Specifications The part number can be broken down into specific electronic characteristics: | Characteristic | Specification | Description | | :--- | :--- | :--- | | **Sensor Type** | RTD (Pt100/Pt1000) | Platinum-based resistance thermometer. | | **Resistance at 0°C** | 100 $\Omega$ or 1000 $\Omega$ | Depends on the specific series suffix (usually 100). | | **Accuracy Class** | Class F 0.3 (Class B) | Tolerance of $\pm(0.3 + 0.005|t|)$ °C. | | **Temperature Range** | -70°C to +500°C | Standard operating range for thin-film platinum. | | **Package Style** | SMD / Leadless | Designed for surface mount or specialized probe mounting. | --- ### 2. Physical Construction The **FRTD** series uses a thin-film deposition process, which offers several advantages over traditional wire-wound RTDs: * **Substrate:** A high-purity ceramic base (Alumina). * **Active Element:** A thin layer of Platinum (Pt) patterned to a specific resistance. * **Protective Layer:** A glass or epoxy coating to protect the platinum from oxidation and mechanical stress. * **Terminations:** Solderable or weldable contact pads (often gold-plated or tin-lead finished). --- ### 3. Key Electronic Features * **Linearity:** Unlike thermistors (NTC/PTC), RTDs offer a highly linear relationship between resistance and temperature, following the Callendar-Van Dusen equation. * **Stability:** Excellent long-term stability with minimal drift (typically <0.04% after 1000 hours at max temp). * **Interchangeability:** Due to standardized tolerance classes (IEC 60751), sensors can be replaced without recalibrating the entire system. --- ### 4. Comparison Table: RTD vs. Thermocouple | Feature | FRTD (Thin Film) | Thermocouple (Type K) | | :--- | :--- | :--- | | **Accuracy** | High | Medium | | **Sensitivity** | High | Low | | **Response Time** | Fast (due to thin film) | Very Fast | | **Cost** | Moderate | Low | | **Linearity** | Excellent | Fair | --- ### 5. Implementation Example To read the FRTD-R-0F-L/Q using a microcontroller, a **Wheatstone Bridge** or a specialized IC like the **MAX31865** is recommended. ```python # Pseudo-code for calculating temperature from Resistance (Pt100) def resistance_to_temp(R): R0 = 100.0 # Resistance at 0 degrees A = 3.9083e-3 B = -5.775e-7 # Simplified linear formula for positive temperatures temp = (R / R0 - 1) / A return temp ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between Class F 0.3 and Class F 0.15 tolerances in RTDs?
    • ⤷ How does self-heating affect the accuracy of thin-film RTDs?
    • ⤷ Which interface ICs are best suited for the FRTD-R series?