Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FRTD-R-4F-P

  • AI
    The **FRTD-R-4F-P** is a high-precision, industrial-grade temperature measurement module, typically classified as a **Platinum Resistance Temperature Detector (RTD)** transmitter or interface module. It is designed to convert temperature signals from RTD sensors (like Pt100) into standardized electrical signals for PLC or controller input. --- ### 1. Key Technical Specifications The following table outlines the core electronic and mechanical characteristics of the FRTD-R-4F-P: | Feature | Specification | | :--- | :--- | | **Part Number** | FRTD-R-4F-P | | **Input Type** | RTD (Resistance Temperature Detector) | | **Compatible Sensors** | Typically Pt100 (Platinum 100Ω at 0°C) | | **Channel Count** | 4 Channels (Multi-channel measurement) | | **Measurement Range** | Standard -50°C to +200°C (varies by calibration) | | **Resolution** | 0.1°C or better | | **Communication** | Often uses RS-485 (Modbus RTU) or proprietary PLC bus | | **Isolation** | Channel-to-channel and power-to-signal isolation | --- ### 2. Electronic Component Breakdown The device functions through several distinct electronic stages: #### A. Input Conditioning (The "RTD" Interface) Since RTDs work based on the change in resistance of platinum over temperature, this module utilizes: * **Constant Current Source:** A stable, low-noise current is sent through the sensor to measure the voltage drop. * **3-Wire/4-Wire Compensation:** It includes circuitry to cancel out the resistance of the lead wires, ensuring the measurement reflects only the sensor tip. #### B. Analog-to-Digital Conversion (ADC) * The module contains a high-resolution **Delta-Sigma ADC** (usually 16-bit or 24-bit). * This converts the small analog voltage into a digital value that the microprocessor can manipulate. #### C. Microprocessor Control * The internal MCU (Microcontroller Unit) applies **Linearization Algorithms**. RTDs are mostly linear, but the MCU uses the Callendar-Van Dusen equation to correct for slight non-linearities, ensuring high accuracy. #### D. Signal Isolation & Protection * **Optoisolators:** Protects the sensitive measurement electronics from high-voltage spikes on the communication or power lines. * **TVS Diodes:** Provides protection against Electrostatic Discharge (ESD) and surges common in industrial environments. --- ### 3. Application Use Cases * **HVAC Systems:** Monitoring duct or liquid temperatures. * **Food Processing:** Ensuring precision in pasteurization or cooling cycles. * **Chemical Plants:** High-accuracy monitoring of exothermic reactions. * **Data Logging:** Often used as an expansion module for PLCs (Programmable Logic Controllers) in factory automation. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum wiring distance supported for the RTD sensors on this module?
    • ⤷ How do you configure the Modbus address for the FRTD-R-4F-P?
    • ⤷ Does this module support both Pt100 and Pt1000 sensors?