Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FRTD-R-50-R

  • AI
    The **FRTD-R-50-R** is a specific electronic component typically identified as a **Radial Lead, Fast-Acting Thin-Film Chip Fuse** or a high-precision **Thin-Film Resistor/RTD** variant depending on the specific manufacturer series (often associated with circuit protection and sensing). Below is a breakdown of its typical specifications and characteristics based on the standard nomenclature for this part number. --- ### 1. Key Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Fast-Acting Fuse / Thin Film Element | | **Current/Resistance Rating** | 50 (Usually 50mA or 50 $\Omega$ depending on category) | | **Mounting Style** | Radial Lead (Through-hole) | | **Response Time** | Fast-Acting (R-series) | | **Package Material** | Epoxy Encapsulated / Ceramic Base | --- ### 2. Physical Characteristics The "R-50-R" suffix and prefix breakdown generally follows this logic: * **FRTD:** Often refers to the series (Fused Resistor or Thermal Device). * **R:** Indicates a **Radial** lead configuration, meaning the wires exit from the bottom of the component for vertical mounting on a PCB. * **50:** The numerical value for the primary rating (e.g., 50mA or 50 Ohms). * **R:** Usually denotes the packaging type (e.g., Tape and Reel) or a specific tolerance/speed rating. ### 3. Application Areas These parts are engineered for precision and protection in sensitive electronic environments: 1. **Telecommunications:** Protection against power surges in line cards. 2. **Instrumentation:** Used in high-precision measurement devices where a fast-acting fuse is needed to protect delicate ICs. 3. **Industrial Controls:** Integrated into PLCs (Programmable Logic Controllers) to prevent overcurrent damage. 4. **Medical Electronics:** Used in diagnostic equipment requiring stable, small-form-factor protection. ### 4. Technical Advantages * **Small Footprint:** The radial design saves horizontal board space compared to axial components. * **Precision:** Thin-film technology ensures very accurate trip points or resistance values. * **Reliability:** The "Fast-Acting" nature ensures that the circuit is interrupted almost instantly when a fault occurs, preventing cascading failures. --- ### 5. Schematic Representation In a circuit diagram, this part is represented as follows: ```text [ Fuse / RTD Symbol ] | --------( )-------- | (Radial Leads) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage rating for the FRTD-R-50-R?
    • ⤷ How does this component compare to an SMD 1206 package fuse?
    • ⤷ Is this part RoHS compliant and suitable for lead-free soldering?