Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FRTD-R-63-R

  • AI
    The **FRTD-R-63-R** is a specific model within the series of high-precision Temperature Sensors, specifically a **Resistance Temperature Detector (RTD)**. These components are designed for industrial applications where accurate temperature monitoring is critical. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its electronic and physical characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Element Type** | Pt100 / Pt1000 | Usually a Platinum-based thin-film resistor. | | **Tolerance Class** | Class A or B | Defines the accuracy of the resistance measurement. | | **Resistance at 0°C** | 100 $\Omega$ (Standard) | The base resistance value for calibration. | | **Material** | Stainless Steel | The outer sheath is typically 316 Stainless Steel for corrosion resistance. | | **Configuration** | 3-Wire or 4-Wire | Minimizes lead wire resistance errors. | --- ### 2. Core Electronic Principles The FRTD-R-63-R operates based on the principle of **Predictable Resistance Change**: * **Positive Temperature Coefficient (PTC):** As the temperature surrounding the sensor increases, the electrical resistance of the platinum element increases linearly. * **The Callendar-Van Dusen Equation:** The sensor uses this mathematical relationship to convert measured Ohms into Temperature ($^\circ C$). * **Excitation Current:** To read the value, a small stable current (typically $1mA$ or less) is passed through the sensor to measure the voltage drop. --- ### 3. Key Electronic Components The assembly of the "R-63" variant typically includes: 1. **Sensing Element:** A ceramic substrate with a deposited platinum layer. 2. **Extension Wires:** Silver-plated copper or Nickel wires, often Teflon (PTFE) or Fiberglass insulated. 3. **Potting Compound:** High-thermal-conductivity epoxy that seals the element inside the probe for moisture protection. 4. **Terminal Block:** If integrated into a head, it uses ceramic connectors to prevent melting at high temperatures. --- ### 4. Integration Diagram (Wiring) Depending on the specific configuration of your FRTD model, the wiring typically looks like this: ```text [ Sensor Element ] | +------- (Red) -> Positive (+) | +------- (White) -> Common/Return (-) | +------- (White) -> Compensation (for 3-wire systems) ``` --- ### 5. Application Areas * **HVAC Systems:** Monitoring duct temperatures. * **Industrial Ovens:** Precise thermal feedback for PID controllers. * **Medical Equipment:** Monitoring sterilization temperatures. * **Food Processing:** Ensuring safe storage temperatures in stainless steel environments.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature range for the FRTD-R-63-R?
    • ⤷ How do I calibrate this sensor using a 3-wire transmitter?
    • ⤷ What are the physical dimensions of the 63-R probe model?