Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FRTD-R-A1-R

  • AI
    The **FRTD-R-A1-R** is a specific model within the series of **Resistance Temperature Detector (RTD) Transmitters** or **Signal Conditioners**. These electronic components are designed to convert the low-level resistance signal from a PT100 sensor into a standardized analog signal (typically 4-20mA or 0-10V) for industrial controllers like PLCs. Below is a detailed breakdown of its electronic characteristics and specifications. ### 1. Technical Specifications The following table outlines the typical electronic parameters for the FRTD-R-A1-R series: | Feature | Specification Details | | :--- | :--- | | **Input Type** | PT100 (3-wire or 2-wire) | | **Output Signal** | 4-20 mA DC (Current Loop) | | **Power Supply** | 24V DC (typical range 12-35V) | | **Accuracy** | ±0.1% to ±0.2% of span | | **Mounting** | DIN Rail or Head-mount (depending on housing) | | **Temperature Range** | Configurable (e.g., 0°C to 100°C, 0-200°C) | | **Isolation** | Often includes Galvanic Isolation between input/output | --- ### 2. Core Electronic Components The internal circuitry of the FRTD-R-A1-R generally consists of three main stages: #### A. Input Bridge and Constant Current Source * **Constant Current Source:** To measure the resistance of the PT100 sensor without causing "self-heating," the device sends a very small, stable current (usually <1mA) through the sensor. * **3-Wire Compensation:** This circuit compensates for the resistance of the lead wires, ensuring that only the sensor's resistance is measured. #### B. Signal Conditioning (Op-Amps) * **Precision Amplifiers:** High-precision operational amplifiers scale the millivolt-level signal produced by the RTD into a linear voltage. * **Zero/Span Adjustment:** Potentiometers (or digital trims) allow for "Zero" (4mA at the lowest temp) and "Span" (20mA at the highest temp) calibration. #### C. V/I Conversion (Voltage to Current) * The final stage converts the internal voltage into a stable 4-20mA current loop. This is crucial for long-distance transmission, as current signals are less susceptible to EMI (Electromagnetic Interference) than voltage signals. --- ### 3. Connection Diagram Logic While specific pinouts vary by manufacturer, the electronic logic follows this standard: ```text [ Power Supply + ] ---- (1) [ 4-20mA Output ] ---- (2) <-- Often the same as Power + (Loop Powered) [ RTD Terminal A ] ---- (3) [ RTD Terminal B ] ---- (4) [ RTD Terminal b ] ---- (5) (Compensation wire) ``` --- ### 4. Application Use Case The FRTD-R-A1-R is used electronically to bridge the gap between a **Physical Sensor** and a **Digital Control System**: 1. **Sensor:** Measures heat -> Changes Resistance. 2. **FRTD-R-A1-R:** Translates Resistance -> Standardized 4-20mA current. 3. **PLC/Controller:** Reads 4-20mA -> Displays/Controls Temperature. ---
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the zero and span on an FRTD transmitter?
    • ⤷ What is the difference between a 2-wire and 3-wire RTD connection in this module?
    • ⤷ Can this device be used with a PT1000 sensor or only PT100?