Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FRTD-R-C0-R

  • AI
    The **FRTD-R-C0-R** is a specific electronic component typically associated with thermal sensing and resistance measurement, often used in industrial control systems or specialized electronic interfaces. ### 1. Component Overview The part number indicates a **Resistance Temperature Detector (RTD)** transmitter or module. These devices are designed to convert the small resistance changes of an RTD sensor (like a Pt100) into a standardized signal that a PLC (Programmable Logic Controller) or computer can read. --- ### 2. Technical Specifications Below are the typical electronic characteristics for this series of components: | Feature | Description | | :--- | :--- | | **Input Type** | RTD (Typically Pt100, 2-wire or 3-wire configuration) | | **Output Type** | Relay Output (indicated by the 'R' suffix) or Analog signal | | **Response Time** | High speed (often <100ms for industrial modules) | | **Isolation** | Galvanic isolation between input, output, and power | | **Mounting** | DIN Rail or PCB mount depending on housing | --- ### 3. Key Electronic Sub-assemblies To understand how the FRTD-R-C0-R functions, it is broken down into these internal stages: 1. **Input Bridge/Constant Current Source:** The device sends a small, precise current through the external RTD sensor to measure the voltage drop (Ohm's Law: $V = I \times R$). 2. **Signal Conditioning (Op-Amps):** The low-level voltage is amplified and filtered to remove electromagnetic interference (EMI) common in industrial environments. 3. **A/D Converter (Analog to Digital):** The analog voltage is converted into a digital value for processing. 4. **The "R" (Relay) Stage:** Since this model ends in "R", it likely features a mechanical or solid-state relay that triggers when a specific temperature threshold is reached. --- ### 4. Application Use Cases * **Overheat Protection:** Turning off a motor if the bearing temperature exceeds a set limit. * **HVAC Control:** Monitoring duct temperatures to actuate dampers. * **Process Automation:** Ensuring chemical vats stay within a strict thermal window.
    ✨ Follow-up Questions
    • ⤷ What is the specific temperature range supported by the FRTD-R-C0-R?
    • ⤷ How do you wire a 3-wire Pt100 sensor to this module?
    • ⤷ Does this model support Modbus or other digital communication protocols?