Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FRTD-R-G2-R

  • AI
    The **FRTD-R-G2-R** is a specific model of a **Resistance Temperature Detector (RTD)** sensor, typically used in industrial automation and precision thermal monitoring. This component translates temperature changes into measurable electrical resistance. --- ## 1. Core Component Breakdown | Feature | Specification/Detail | | :--- | :--- | | **Sensor Type** | RTD (Resistance Temperature Detector) | | **Material** | Platinum (Pt) - typically Pt100 or Pt1000 | | **Configuration** | G2 Series (General purpose, industrial grade) | | **Mounting** | Threaded or Insertable probe (R-type) | | **Output** | Ohmic resistance proportional to temperature | --- ## 2. Electronic Principles of Operation The FRTD-R-G2-R operates based on the **Positive Temperature Coefficient (PTC)** of metals. 1. **Linearity:** Unlike thermistors, this sensor provides a highly linear relationship between temperature and resistance, making it easier for Microcontrollers (MCUs) or PLCs to calculate temperature without complex curves. 2. **The Platinum Element:** Inside the probe is a thin film or wire-wound platinum element. As the temperature rises, the atoms in the metal vibrate more, increasing the difficulty for electrons to pass through, thus increasing **resistance**. 3. **Accuracy:** Being a "G2" grade (General Industrial), it offers high stability and repeatability, often used in environments where thermocouple drift would be unacceptable. --- ## 3. Wiring and Interfacing To read the data from an FRTD-R-G2-R, you typically need an **Analog Front End (AFE)** or a bridge circuit. ### Typical Connection Methods * **2-Wire:** Simple, but prone to error due to lead-wire resistance. * **3-Wire:** Most common in industrial settings; it uses a third wire to compensate for the resistance of the lead wires. * **4-Wire:** Highest precision; separates the current source from the voltage measurement. ### Signal Conditioning Code (Pseudo-code) If interfacing with an Arduino or PLC using a MAX31865 converter: ```cpp #include // Initialize with hardware SPI Adafruit_MAX31865 thermo = Adafruit_MAX31865(10); void setup() { thermo.begin(MAX31865_3WIRE); // Set based on FRTD wiring } void loop() { float temp = thermo.temperature(100, 430.0); // Resistance at 0C, Reference resistor Serial.print("Temperature: "); Serial.println(temp); } ``` --- ## 4. Key Applications * **HVAC Systems:** Monitoring duct temperatures. * **Process Control:** Chemical or food processing where precise heat is required. * **Laboratory Equipment:** Reliable thermal feedback for ovens or incubators.
    ✨ Follow-up Questions
    • ⤷What is the resistance of this sensor at 0 degrees Celsius (Pt100 vs Pt1000)?
    • ⤷ How do I calibrate an FRTD-R-G2-R sensor for high-precision use?
    • ⤷ What are the advantages of using this RTD over a K-type thermocouple?