Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FRTD-R-GW0-R

  • AI
    The **FRTD-R-GW0-R** is a specific industrial communication gateway, typically associated with the **Fuji Electric** lineup or compatible RTD (Resistance Temperature Detector) interface systems. This device acts as a bridge between analog temperature sensors and digital industrial networks. --- ### 1. Core Functionality The primary role of the FRTD-R-GW0-R is to convert signals from **RTD sensors** (like Pt100) into a digital protocol (often Modbus or a proprietary fieldbus) that a PLC (Programmable Logic Controller) or SCADA system can interpret. ### 2. Key Electronic Components & Specifications Based on the standard architecture of this series, here are the electronic characteristics: | Component / Feature | Description | |:---|:---| | **Input Type** | RTD Sensors (Platinum Resistance Thermometers, e.g., Pt100, JPt100). | | **A/D Converter** | High-resolution Analog-to-Digital converter for precise temperature mapping. | | **Communication Interface** | RS-485 (Modbus RTU) or specific Gateway Protocol. | | **Isolation** | Galvanic isolation between input, power, and communication circuits to prevent noise. | | **Power Supply** | Typically 24V DC (Standard industrial voltage). | | **Mounting** | DIN Rail mountable for control panel integration. | --- ### 3. Wiring and Connection Architecture The device generally follows a 3-wire or 4-wire RTD compensation method to ensure accuracy over long cable distances. #### Basic Terminal Block Layout: 1. **Power Terminals:** $+24V$ and $0V$. 2. **Communication Terminals:** $A(+)$, $B(-)$, and $Shield$ for RS-485. 3. **Sensor Input:** Terminals for $A$, $B$, and $b$ (compensating lead) for the RTD probe. --- ### 4. Technical Advantages * **Noise Immunity:** Industrial-grade filtering to handle electromagnetic interference (EMI) from motors or drives. * **Scalability:** Often used in a "slice" or "remote I/O" configuration where multiple modules can be linked to a single gateway. * **Error Detection:** Built-in diagnostics to detect sensor burnout (open circuit) or short circuits. --- ### 5. Configuration Example (Modbus) To read data from this part, you would typically address it via a specific register map. ```json { "Device_ID": 1, "Baud_Rate": 19200, "Parity": "Even", "Data_Register": "30001 (Temperature Value)", "Unit": "0.1°C per bit" } ```
    ✨ Follow-up Questions
    • ⤷ What are the specific Modbus register maps for the FRTD-R-GW0-R?
    • ⤷ How do I calibrate a Pt100 sensor connected to this gateway?
    • ⤷ What is the maximum number of RTD modules that can be daisy-chained to this unit?