Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FRTD-R-K4-R

  • AI
    The **FRTD-R-K4-R** is a specific model within the series of high-precision Temperature Controllers and RTD (Resistance Temperature Detector) signal conditioners, typically associated with industrial automation and thermal management systems. Below is a breakdown of its electronic components and specifications. --- ### 1. General Specifications | Feature | Description | | :--- | :--- | | **Input Type** | RTD (Resistance Temperature Detector) | | **Sensor Compatibility** | Pt100, Pt1000, or Cu50 (Model dependent, typically Pt100) | | **Output Type** | Relay Output (indicated by the "R" suffix) | | **Mounting** | DIN Rail or Panel Mount | | **Power Supply** | Usually 24V DC or 100-240V AC (check specific label) | ### 2. Electronic Parts & Architecture The device is composed of several critical electronic stages to ensure accurate temperature monitoring: * **A/D Converter (Analog-to-Digital):** Converts the micro-voltage/resistance changes from the RTD sensor into a digital signal. High-resolution converters are used to maintain 0.1°C precision. * **Microcontroller Unit (MCU):** The brain of the unit that processes the PID (Proportional-Integral-Derivative) algorithm or simple ON/OFF logic based on the user-defined setpoint. * **Isolation Circuitry:** Protects the internal logic from high-voltage spikes on the power line or sensor noise. * **Relay Contact (The "R" Component):** A mechanical or solid-state relay that switches the external load (e.g., a heater or cooling fan) on and off. * **LCD/LED Display Driver:** Powers the visual interface showing the Process Value (PV) and Set Value (SV). ### 3. Part Number Decoding (Typical) While naming conventions vary by manufacturer, the code generally breaks down as follows: | Segment | Meaning | | :--- | :--- | | **FRTD** | Series: RTD Temperature Controller/Transmitter | | **R** | Round or Rail mount configuration | | **K4** | Specific physical size or 4-digit display type | | **R** | **Relay Output**: Indicates the control signal is a physical contact closure | --- ### 4. Wiring and Connectivity 1. **Terminals 1-3 (Input):** Used for the 3-wire RTD connection to compensate for lead wire resistance. 2. **Terminals for Power:** Connection for the operating voltage. 3. **Output Terminals:** Dry contacts for the relay (COM, NO, NC).
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the relay output on this model?
    • ⤷ Does the FRTD-R-K4-R support 4-wire RTD configurations?
    • ⤷ How do I calibrate the temperature offset on this specific controller?