Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FRTD-R-Z3-R

  • AI
    The **FRTD-R-Z3-R** is a specific electronic component typically categorized as a **Terminal Relay** or **Interface Relay Module**. These devices are essential in automation for bridging the gap between low-power control signals (from a PLC or MCU) and high-power actuators (motors, solenoids, or heaters). Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. Technical Specifications The "FRTD" series generally belongs to the slim-profile relay family. The alphanumeric code typically breaks down as follows: | Parameter | Description | | :--- | :--- | | **Mounting Type** | DIN Rail Mounting | | **Input Voltage** | Typically 24V DC (Standard for Z3 series) | | **Contact Form** | 1 Changeover (SPDT - Single Pole Double Throw) | | **Switching Current** | Usually rated up to 6A or 10A (Model dependent) | | **Indicator** | Integrated LED for status monitoring | | **Protection** | Built-in Free-wheeling diode (Reverse polarity protection) | --- ### 2. Key Electronic Components A module like the FRTD-R-Z3-R consists of several internal electronic parts: #### A. The Electromagnetic Relay The core component. It uses an internal coil to create a magnetic field that moves physical contacts to complete or break a circuit. It provides **Galvanic Isolation**, ensuring that high voltage on the output side does not damage the low-voltage controller. #### B. Protection Circuitry (Flyback Diode) Because the relay coil is an inductor, it can create a high-voltage spike when turned off. The internal electronics include a diode to suppress this back-EMF, protecting the transistor or PLC output driving the relay. #### C. LED Status Indicator A low-power LED is wired in parallel with the coil. This allows technicians to visually confirm if the control signal is active without using a multimeter. #### D. Terminal Blocks The "FRTD" designation often implies a terminal-block style housing. This integrates the wiring connections directly into the relay body for high-density panel mounting. --- ### 3. Application Use Cases * **Signal Isolation:** Protecting a PLC from electrical noise and surges. * **Voltage Level Shifting:** Using a 24V DC signal to switch a 230V AC load. * **Current Amplification:** Allowing a low-current sensor to trigger a high-current motor starter. --- ### 4. Comparison Table: Relay vs. SSR If you are deciding between this mechanical relay and a Solid State Relay (SSR): | Feature | FRTD-R-Z3-R (Electromechanical) | Solid State Relay (SSR) | | :--- | :--- | :--- | | **Wear and Tear** | Mechanical parts wear out over time | No moving parts, infinite life | | **Isolation** | High physical air gap | Optical isolation | | **Switching Speed** | Milliseconds (Slow) | Microseconds (Very Fast) | | **Heat Dissipation** | Negligible | Requires heat sinks at high loads |
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the FRTD-R-Z3-R relay?
    • ⤷ How do I wire the input signal for a 24V DC configuration?
    • ⤷ What are the common failure modes for this type of terminal relay?