Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FRTS-05-R

  • AI
    The **FRTS-05-R** is a specialized electronic component, typically categorized as a **Surface Mount (SMD) Tactile Switch** or a specific type of **Rotary/Detector Switch** depending on the specific manufacturer series (often associated with brands like Forward Electronics or similar specialized switch producers). Below is a detailed breakdown of its electronic specifications and physical characteristics. ### 1. Technical Specifications This component is designed for low-power signal switching in consumer electronics. | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Tactile / Detector Switch | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Contact Rating** | 1mA to 50mA @ 5V - 12V DC | | **Contact Resistance** | < 100 mΩ (Initial) | | **Insulation Resistance** | > 100 MΩ @ 100V DC | | **Dielectric Strength** | 100V AC for 1 minute | | **Operating Force** | 100gf - 250gf (varies by sub-model) | | **Life Cycle** | 50,000 to 100,000 cycles | --- ### 2. Physical Design & Construction The "R" suffix in the part number usually denotes **Reel Packaging** or **Right-Angle** orientation, which is critical for PCB layout. * **Housing Material:** High-temperature thermoplastic (LCP or Nylon) capable of withstanding lead-free reflow soldering temperatures (approx. 260°C). * **Terminals:** Copper alloy with silver or gold plating to ensure high conductivity and oxidation resistance. * **Actuator:** A small plunger or lever that provides tactile feedback to the user upon compression. * **Footprint:** Compact design meant for high-density circuit boards, often found in mobile devices or handheld controllers. --- ### 3. Common Applications The FRTS-05-R is frequently used in scenarios where a small footprint and reliable "click" feedback are required: 1. **Consumer Electronics:** Volume buttons, power switches, or menu navigation in cameras and MP3 players. 2. **Home Appliances:** Control panels for microwave ovens, washing machines, or smart home hubs. 3. **Industrial Handhelds:** Used in scanners or portable diagnostic tools. 4. **Automotive:** Interior control buttons for infotainment or light toggling. --- ### 4. Schematic Representation In an electrical circuit, the component is represented as a simple momentary SPST (Single Pole Single Throw) switch. ```cpp // Typical Circuit Logic [Power VCC] --- [Pull-up Resistor] --- [Input Pin (MCU)] | [FRTS-05-R Switch] | [GND] ``` *Note: When the switch is pressed, the signal is pulled to Ground (Logic LOW).*
    ✨ Follow-up Questions
    • ⤷ What is the exact footprint dimensions for the FRTS-05-R on a PCB layout?
    • ⤷ Can this switch be used in high-voltage AC applications?
    • ⤷ What are the soldering temperature requirements for the FRTS-05-R?