Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FRTS-31-R/

  • AI
    The **FRTS-31-R** is a high-precision digital force gauge/sensor typically used in industrial testing equipment, such as the IMADA FRTS (Food Rheology Tester) series. These components are designed to measure the texture, firmness, and elasticity of materials. --- ## 1. Core Electronic Specifications The "R" in the model suffix often denotes a specific capacity or a specialized remote-head configuration. Below are the typical electronic characteristics for this series: | Parameter | Description | | :--- | :--- | | **Sensor Type** | Strain Gauge Load Cell | | **A/D Converter** | 24-bit High Resolution | | **Sampling Rate** | Up to 2000Hz (2000 data points/sec) | | **Output Signal** | USB 2.0, RS-232C, and Analog (±2V DC) | | **Power Supply** | AC Adapter (100–240V) or Internal Rechargeable Battery | | **Accuracy** | ±0.2% F.S. (Full Scale) | --- ## 2. Key Electronic Components ### A. Load Cell Interface The heart of the FRTS-31-R is a **Strain Gauge Bridge**. This component converts mechanical force into a minute electrical voltage change. Because the signal is extremely small (millivolts), it is routed through a low-noise precision operational amplifier before digitization. ### B. Processing Unit (MCU) The device utilizes a dedicated Microcontroller Unit (MCU) to handle: * **Real-time Peak Detection:** Identifying the maximum force applied. * **Calibration Data Storage:** Holding non-volatile memory (EEPROM) with factory calibration constants. * **Filter Logic:** Digital filters to reduce electrical noise or mechanical vibration interference. ### C. Communication Ports * **USB:** Used for high-speed data logging to PC software (Force Recorder). * **I/O Port:** Used for integration with automated test stands (Start/Stop/Limit signals). --- ## 3. Wiring and Connection (Example Code) If you are interfacing the device via a serial protocol (RS-232), you would typically use a standard baud rate (e.g., 19200) to request data. ```python import serial # Example: Reading force data from an FRTS series device via Python def read_force_gauge(port='COM3'): try: ser = serial.Serial(port, 19200, timeout=1) ser.write(b'D\r\n') # Standard command to request data response = ser.readline().decode('ascii').strip() print(f"Current Force Reading: {response}") ser.close() except Exception as e: print(f"Connection Error: {e}") # read_force_gauge() ``` --- ## 4. Maintenance and Safety * **Overload Protection:** The electronics include an alarm circuit that triggers if the force exceeds ~110% of the rated capacity. * **Electrostatic Discharge (ESD):** As a precision instrument, the internal PCB is sensitive to ESD; ensure the housing is properly grounded during installation.
    ✨ Follow-up Questions
    • ⤷ What is the maximum weight capacity for the FRTS-31-R model?
    • ⤷ How do I calibrate the digital output of this sensor?
    • ⤷ Which software is compatible with the FRTS series for data visualization?