Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FRTS-32-R

  • AI
    The **FRTS-32-R** refers to a specific series of **Rotary Torque Sensors** (often associated with manufacturers like Futek or similar industrial sensor providers). These components are precision electromechanical devices used to measure torque in rotating systems. --- ### 1. Key Electronic Components & Specifications The electronic architecture of an FRTS-32-R typically involves a strain-gauge-based system designed to convert mechanical stress into a measurable electrical signal. | Feature | Description | | :--- | :--- | | **Sensor Type** | Strain Gauge (Wheatstone Bridge configuration) | | **Bridge Resistance** | Usually 350 Ohms or 700 Ohms (nominal) | | **Excitation Voltage** | Typically 5 to 10 VDC | | **Rated Output** | 1.0 to 2.0 mV/V (millivolts per volt of excitation) | | **Connection Type** | Slip ring or Non-contact (Inductive) transmission | | **Integrated Electronics** | Often includes an internal TEDS (Transducer Electronic Data Sheet) chip for auto-calibration | --- ### 2. Functional Principles The "Electronic Parts" function together in the following sequence: 1. **Strain Gauges:** These are the primary sensing elements bonded to the internal shaft. When torque is applied, the gauges deform, changing their electrical resistance. 2. **Wheatstone Bridge:** The gauges are wired in a bridge circuit to maximize sensitivity and provide temperature compensation. 3. **Signal Transmission:** * Since the shaft rotates, the electrical signal must be passed to the stationary housing. * In the **FRTS-32-R**, this is often achieved via **Slip Rings** (brushes contacting rotating rings) or **Rotary Transformers** for brushless, low-noise operation. 4. **Signal Conditioning:** The output is a low-level analog voltage that requires an external or internal amplifier to convert the signal into 0-10V, 4-20mA, or a digital output (USB/RS485). --- ### 3. Wiring and Pinout (General) Most sensors in this category utilize a 4-wire or 6-wire shielded cable: * **Red:** Excitation (+) * **Black:** Excitation (-) * **Green:** Signal (+) * **White:** Signal (-) * **Orange/Blue:** Sense lines (used in 6-wire systems to compensate for lead wire resistance) --- ### 4. Application Context These electronic parts are critical in environments where precision rotation monitoring is required, such as: * Testing motor efficiency. * Calibrating automated screwdrivers/wrenches. * Monitoring gearbox performance.
    ✨ Follow-up Questions
    • ⤷What is the maximum RPM supported by the FRTS-32-R?
    • ⤷ Does this model use slip rings or brushless technology?
    • ⤷ How do I calibrate the mV/V output to a digital display?